Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7281 Datasheet(PDF) 2 Page - Bi technologies

Part # 7281
Description  7/8 Diameter 10-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7281 Datasheet(HTML) 2 Page - Bi technologies

  7281 Datasheet HTML 1Page - Bi technologies 7281 Datasheet HTML 2Page - Bi technologies 7281 Datasheet HTML 3Page - Bi technologies 7281 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
September 1, 2015
Model 7280 page 2 of 4
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Temperature Cycling
5 cycles, -55°C to +125°C, maximum 5% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 2,000 Hz, maximum 5% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
Five 24 hour cycles, maximum 3% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 5% ΔR
Rotational Load Life (1 lb side load for 7288)
1M shaft revolutions + 900 hours at 2.0 Watts & 70°C, maximum 5% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-12934)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code (see table)
No code required for
slotted shaft 7284/7286/7288
or for plain shaft 7281/7283
Optional Non-standard Tolerance
7286 R 10K T2 L.25 xx
FEATURE CODES
Model 7280
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
Total Resistance
(Ohms)
Theoretical
Resolution
(% nominal)
Tempco of wire
(ppm/°C)
100
0.059
±20
200
0.037
±20
500
0.030
±20
1K
0.024
±20
2K
0.020
±20
5K
0.018
±20
10K
0.017
±20
20K
0.016
±20
50K
0.010
±20
100K
0.008
±20
7281, 7283 plain shaft
7284, 7286, 7288 slotted shaft
no
code
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft (standard on single cup 7284, 7286 &
7288 without RS feature)
SS
Rear Shaft Extension (7281, 7286, 7288 single cup
only)
RS
Shaft Lock (7286 & 7288 only)
SL
High Torque 2-6 oz.-in. (7286 & 7288 only)
HT
Additional Gang
2G
Gold Plated Solder Lug Terminals (see optional
terminal configuration)
FT
Seal (IP66) 7284, 7286, or 7288 only
ES
When multiple Feature Codes are used the P/N shall be in the
same sequence as listed in this table (top to bottom).


Similar Part No. - 7281

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72811L10LPFG RENESAS-72811L10LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72811L10LPFG8 RENESAS-72811L10LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72811L10LPFGI RENESAS-72811L10LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72811L10LPFGI8 RENESAS-72811L10LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72811L10LTFG RENESAS-72811L10LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 7281

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com