Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6181 Datasheet(PDF) 2 Page - Bi technologies

Part # 6181
Description  Precision Potentiometer / Position Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6181 Datasheet(HTML) 2 Page - Bi technologies

  6181 Datasheet HTML 1Page - Bi technologies 6181 Datasheet HTML 2Page - Bi technologies 6181 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Operating Temperature Range
-40°C to +125°C dynamic, -65°C to +125°C static
Temperature Cycling
5 cycles, -65°C to +125°C, maximum 10% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
10 G’s, 10 to 500 Hz, maximum 2% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
five 24 hour cycles, maximum 25% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 0.5% ΔVR
Rotational Life
5 million shaft revolutions (no sideload, 6188 up to 8 oz sideload)
Rotational Load Life
5 million shaft revolutions, maximum 10% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
6187 R 10K T5 L1.0 xx
FEATURE CODES
Model 6180
Center Tap
CT
Linearity Tape
LT
Shaft Lock 6187 only
SL
Stop
ST
Seal (IP66) 6184, 6187, or 6188 only
ES
February 24, 2015
Model 6180 page 2 of 3
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
1K
2K
5K
10K
20K
50K
When multiple feature codes are used the P/N shall be in the
same sequence as listed in this table (top to bottom).


Similar Part No. - 6181

ManufacturerPart #DatasheetDescription
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
   SILVYN® KLICK-S
30.08.2019
61811115 LAPP-61811115 Datasheet
119Kb / 2P
   SILVYN® KLICK-S
30.08.2019
61811120 LAPP-61811120 Datasheet
119Kb / 2P
   SILVYN® KLICK-S
30.08.2019
61811125 LAPP-61811125 Datasheet
119Kb / 2P
   SILVYN® KLICK-S
30.08.2019
61811130 LAPP-61811130 Datasheet
119Kb / 2P
   SILVYN® KLICK-S
30.08.2019
More results

Similar Description - 6181

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6173 BITECH-6173 Datasheet
189Kb / 3P
   Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
   Precision Potentiometer / Position Sensor
8141 BITECH-8141 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
   Precision Potentiometer/ Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
   Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
   Precision Potentiometer Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
   Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
6371 BITECH-6371 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com