Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2606S Datasheet(PDF) 1 Page - Bi technologies

Part # 2606S
Description  Turns Counting Dial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

2606S Datasheet(HTML) 1 Page - Bi technologies

  2606S Datasheet HTML 1Page - Bi technologies 2606S Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-8
Model 2600 Series
MODEL 2600 SERIES
7/8” Diameter
Analog
Turns Counting Dial
MODEL
2606
2607
2601
2606S
2607S
Counting Capacity, Maximum Turns
20
15
For Shaft Diameter
1/4”
1/8”
For Bushing Diameter
3/8”
1/4”
Depth: Maximum, From Face of Panel
0.900”
0.82”
Shaft Extension:
Maximum, From Face of Panel
0.781
0.672”
Minimum, From Face of Panel
0.628”
0.469”
Bushing Extension:
Maximum, From Face of Panel
0.300”
0.270”
Locking Mechanism
Positive Action with Detent
Positive Action
Weight, Nominal
0.60 oz.
Number of Set Screws
1
2
1
Numeral Height
0.050”
Knob Material
Black Plastic
Dial Finish
Black Numerals on Satin Chrome
Housing Finish
Satin Chrome
Operating Temperature Range
–55°C to +71°C
Counting Capacity, Maximum Turns
15
For Shaft Diameter
1/4”
For Bushing Diameter
3/8”
Depth: Maximum, From Face of Panel
0.94”
Shaft Extension:
Maximum, From Face of Panel
0.781”
Minimum, From Face of Panel
0.578”
Bushing Extension:
Maximum, From Face of Panel
0.300”
Locking Mechanism
Positive Action
Weight, Nominal
0.60 oz.
Number of Set Screws
1
2
Numeral Height
0.050”
Knob Material
Black Plastic
Dial Finish
Black Numerals on Satin Chrome
Housing Finish
Satin Chrome
Operating Temperature Range
–55°C to +71°C


Similar Part No. - 2606S

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
2606S TTELEC-2606S Datasheet
486Kb / 2P
   Turn Counting Dial
More results

Similar Description - 2606S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
   Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
   Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490_04 Datasheet
31Kb / 1P
   Turns-Counting Dial
H-46 BOURNS-H-46_09 Datasheet
154Kb / 1P
   Turns-Counting Dial
H-506 BOURNS-H-506 Datasheet
28Kb / 1P
   Turns-Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com