Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA78-50471LFTR Datasheet(PDF) 5 Page - Bi technologies

Part # HA78-50471LFTR
Description  Shielded Surface Mount Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA78-50471LFTR Datasheet(HTML) 5 Page - Bi technologies

  HA78-50471LFTR Datasheet HTML 1Page - Bi technologies HA78-50471LFTR Datasheet HTML 2Page - Bi technologies HA78-50471LFTR Datasheet HTML 3Page - Bi technologies HA78-50471LFTR Datasheet HTML 4Page - Bi technologies HA78-50471LFTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shielded Surface
Mount Inductors
Model HA78
Ordering Information
HA78 ‐
20 100 LF TR13
Model Series
Case Size
10 (Figure 1)
45 (Figure 3)
20 (Figure 1)
50 (Figure 3)
30 (Figure 2)
60 (Figure 3)
40 (Figure 2)
Tape & 13” Reel Packing
Lead Free
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Standard
Embossed Tape and Reel
Reel
Diameter ;
= 13” (330.2mm)
Capacity :
Case size 10, 30, 40
= 1,000 Units
Case size 20, 45, 50, 60
= 500 Units
Mechanical Outline Dimensions (mm)
Current Derating Vs Ambient Temperature Graph
BI Technologies
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
General Note 
TT Electronics reserves the right to make changes in product specification without notice or liability. 
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
www.ttelectronicsmagnetics.com
© TT Electronics plc 
Rev. 01
 
 
 
Make Possible
 
Packing / Ordering Information 
 
 
Standard 
 
Embossed Tape and Reel 
Reel                        Diameter ;                                        = 13” (330.2mm) 
                                Capacity : Case size 10, 30, 40       = 1,000 Units 
                                                 Case size 20, 45, 50, 60 = 500 Units 
 
 
 
 
 
 
 
Current Derating Vs Ambient Temperature Graph 
 
 
 
 
 
 
 
 
 
 
 
 
 
Shielded Surface Mount Inductors 
 
Model HA78 


Similar Part No. - HA78-50471LFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA78-10100LFTR TTELEC-HA78-10100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-10680LFTR TTELEC-HA78-10680LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-20100LFTR TTELEC-HA78-20100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-20271LFTR TTELEC-HA78-20271LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-30100LFTR TTELEC-HA78-30100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
More results

Similar Description - HA78-50471LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com