Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA78-60390LFTR Datasheet(PDF) 1 Page - Bi technologies

Part # HA78-60390LFTR
Description  Shielded Surface Mount Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA78-60390LFTR Datasheet(HTML) 1 Page - Bi technologies

  HA78-60390LFTR Datasheet HTML 1Page - Bi technologies HA78-60390LFTR Datasheet HTML 2Page - Bi technologies HA78-60390LFTR Datasheet HTML 3Page - Bi technologies HA78-60390LFTR Datasheet HTML 4Page - Bi technologies HA78-60390LFTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number
Inductance(1)(μH)
DC Resistance(4)Max. (Ω)
Isat(2) (A)
Irms(3)(A)
HA78‐10100LFTR
10 ± 20%
0.08
1.00
2.6
HA78‐10680LFTR
68 ± 20%
0.52
0.42
1.3
HA78‐20100LFTR
10 ± 20%
0.055
1.65
3.5
HA78‐20271LFTR
270 ± 20%
1.25
0.31
0.7
HA78‐30100LFTR
10 ± 20%
0.072
1.68
1.83
HA78‐30120LFTR
12 ± 20%
0.098
1.52
1.73
HA78‐30150LFTR
15 ± 20%
0.13
1.33
1.51
HA78‐30180LFTR
18 ± 20%
0.14
1.20
1.41
HA78‐30220LFTR
22 ± 20%
0.19
1.07
1.38
HA78‐30270LFTR
27 ± 20%
0.21
0.96
1.27
HA78‐30330LFTR
33 ± 20%
0.24
0.91
1.22
HA78‐30390LFTR
39 ± 20%
0.32
0.77
1.03
HA78‐30470LFTR
47 ± 20%
0.36
0.76
0.85
HA78‐30560LFTR
56 ± 20%
0.47
0.68
0.84
HA78‐30680LFTR
68 ± 20%
0.52
0.61
0.74
HA78‐30820LFTR
82 ± 20%
0.69
0.57
0.69
HA78‐30101LFTR
100 ± 20%
0.79
0.50
0.62
HA78‐30121LFTR
120 ± 20%
0.89
0.49
0.60
HA78‐30151LFTR
150 ± 20%
1.27
0.43
0.56
HA78‐30181LFTR
180 ± 20%
1.45
0.39
0.49
HA78‐30221LFTR
220 ± 20%
1.65
0.35
0.43
HA78‐30271LFTR
270 ± 20%
2.31
0.32
0.40
HA78‐30331LFTR
330 ± 20%
2.62
0.28
0.32
HA78‐30391LFTR
390 ± 20%
2.94
0.26
0.30
HA78‐30471LFTR
470 ± 20%
4.18
0.24
0.30
HA78‐30102LFTR
1000 ± 20%
6.50
0.16
0.20
HA78‐40100LFTR
10 ± 20%
0.055
2.00
2.00
HA78‐40120LFTR
12 ± 20%
0.058
1.71
1.82
HA78‐40150LFTR
15 ± 20%
0.081
1.47
1.60
HA78‐40180LFTR
18 ± 20%
0.091
1.31
1.50
HA78‐40220LFTR
22 ± 20%
0.11
1.23
1.41
Shielded Surface
Mount Inductors
Model HA78
Magnetics
Features and Benefits
Operating Temperature Range ‐40°C to +125°C
Temperature Rise, Maximum 40°C
Storage Temperature ‐40°C to +155°C
Operating Frequency up to 3MHz
AEC‐Q200 CERTIFIED
RoHS Compliant
Specification @ 25°C
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
BI Technologies


Similar Part No. - HA78-60390LFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA78-10100LFTR TTELEC-HA78-10100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-10680LFTR TTELEC-HA78-10680LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-20100LFTR TTELEC-HA78-20100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-20271LFTR TTELEC-HA78-20271LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
HA78-30100LFTR TTELEC-HA78-30100LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
More results

Similar Description - HA78-60390LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com