Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V27S25G Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V27S25G
Description  HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V27S25G Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V27S25G Datasheet HTML 1Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 2Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 3Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 4Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 5Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 6Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 7Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 8Page - Integrated Device Technology IDT70V27S25G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Commercial and Industrial Temperature Range
IDT 70V27S/L
High-Speed 3.3V 32K x 16 Dual-Port Static RAM
4
Pin Configurations(1,2,3) (con't.)
3603 drw 03
80
77
74
72
69
68
65
63
60
83
78
76
73
70
67
64
61
59
84
56
86
87
88
90
91
92
94
95
97
96
100
99
103
101
105
104
2
1
5
4
7
8
10
12
13
17
16
21
19
25
22
28
24
32
31
34
35
37
39
40
44
43
48
46
52
49
55
51
IDT70V27G
G108-1(4)
108-PIN PGA
TOP VIEW(5)
AB
C
D
E
F
G
H
J
K
L
M
81
57
54
53
82
79
75
71
66
62
58
50
33
36
38
41
42
45
47
36911
14
15
18
20
23
29
30
26
27
85
89
93
98
102
106
107
108
12
11
10
09
08
07
06
05
04
03
02
01
INDEX
GND
OER
R/
WR
SEMR
CE1R
CE0R
NC
NC
GND
A12R
A13R
A11R
A10R
A9R
GND
OEL
R/
WL
SEML
CE1L
CE0L
Vcc
NC
A14L
A13L
NC
NC
A12L
A11L
A10L
A9L
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O0R
GND
Vcc
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O7L
I/O3L
I/O1R
I/O7R
NC
I/O8R
I/O9R
I/O8L
I/O9L
Vcc
A6R
A5R
A4R
A3R
A2R
A1R
A0R
INTR
BUSYR
M/
S
BUSYL INTL
NC
A0L
GND
A2L
A3L
A5L
A6L
A1L
A4L
A8R
A7R
A8L
A7L
A14R
NC
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
GND
UBR
LBR
UBL
LBL
GND
NC
NC
NC
NC
NC
NC
NC
NC
I/O15L
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A14L
A0R - A14R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
3603 tbl 01
Pin Names
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.21in x 1.21in x .16in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT70V27S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V27S RENESAS-IDT70V27S Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V27S25G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com