Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3048CF Datasheet(PDF) 9 Page - International Rectifier

Part # IRU3048CF
Description  DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3048CF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU3048CF Datasheet HTML 5Page - International Rectifier IRU3048CF Datasheet HTML 6Page - International Rectifier IRU3048CF Datasheet HTML 7Page - International Rectifier IRU3048CF Datasheet HTML 8Page - International Rectifier IRU3048CF Datasheet HTML 9Page - International Rectifier IRU3048CF Datasheet HTML 10Page - International Rectifier IRU3048CF Datasheet HTML 11Page - International Rectifier IRU3048CF Datasheet HTML 12Page - International Rectifier IRU3048CF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IRU3048
9
Rev. 1.7
09/12/02
www.irf.com
This results to R9=46.4K
V; Choose R9=46.4KV
To cancel one of the LC filter poles, place the zero be-
fore the LC filter resonant frequency pole:
Using equations (11) and (13) to calculate C9, we get:
Using equations (11),(12) and (13) for Ch2, where:
We get:
R11 = 38.9K
V; Choose R11 = 39.2KV
C19 = 1554pF; Choose C19 = 1800pF
One more capacitor is sometimes added in parallel with
C9 and R4. This introduces one more pole which is mainly
used to supress the switching noise. The additional pole
is given by:
The pole sets to one half of switching frequency which
results in the capacitor CPOLE:
For a general solution for unconditionally stability for any
type of output capacitors, in a wide range of ESR values
we should implement local feedback with a compensa-
tion network. The typically used compensation network
for voltage-mode controller is shown in Figure 7.
C9 = 1630pF; Choose C9 = 1800pF
VIN2 = 5V
VOSC = 1.25V
FO2 = 30KHz
FESR2 = 26.5KHz
FLC2 = 3.5KHz
R15 = 1K
R14 = 442
V
gm = 600mhmo
FZ
≅ 75%FLC1
FZ
≅ 0.75 3
1
2
p
L3
3 CO
---(13)
For:
L3 = 10.2
mH
Co = 300
mF
Fz = 2.1KHz
R9 = 46.4K
V
Figure 7 - Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to figure 7, the trans-
former function can be expressed as:
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
Ve
1 -
gmZf
1 +
gmZIN
VOUT =
CPOLE =
p 3 R9 3 fS - 1
C18
1
1
p 3 R9 3 fS
For FP <<
fS
2
FP =
2
p 3 R9 3
C18
3 CPOLE
C18 + CPOLE
1
VOUT
VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp
gmZf >> 1
and
gmZIN >>1
---(14)
For:
VIN1 = 12V
VOSC = 1.25V
FO1 = 30KHz
FESR1 = 26.5KHz
FLC1 = 2.8KHz
R8 = 1K
R6 = 1.64K
gm = 600mmho
H(s)=
sR6(C12+C11)
1+sR7
3(1+sR8C10)
1
(1+sR7C11)
3[1+sC10(R6+R8)]
3
C12C11
C12+C11
[
(
)]
FP1 = 0
1
2
p3C103(R6 + R8)
FZ2 =
1
2
p3C103R6
FZ1 =
1
2
p3R73C11
FP3 =
1
2
p3R73
FP2 =
1
2
p3R83C10
1
2
p3R73C12
C12
3C11
C12+C11
(
)


Similar Part No. - IRU3048CF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3046CF IRF-IRU3046CF Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047CW IRF-IRU3047CW Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3048CF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com