Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3103E15DVBR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS3103E15DVBR
Description  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3103E15DVBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3103E15DVBR Datasheet HTML 7Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 8Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 9Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 10Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 11Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 12Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 13Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 14Page - Texas Instruments TPS3103E15DVBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
11
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 3.3 V, IOH = −3 mA
VDD = 1.8 V, IOH = −2 mA
0.8
VDD
VOH
High-level output voltage
VDD = 1.5 V, IOH = −1 mA
0.8
× VDD
V
VOH
High-level output voltage
VDD = 0.9 V, IOH = −0.4 mA
V
VDD = 0.5 V, IOH = −5 µA
0.7
× VDD
VDD = 3.3 V, IOL = 3 mA
Low-level output
VDD = 1.5 V, IOL = 2 mA
0.3
VOL
Low-level output
voltage
VDD = 1.2 V, IOL = 1 mA
0.3
V
VOL
voltage
VDD = 0.9 V, IOL = 500 µA
V
RESET only
VDD = 0.4 V, IOL = 5 µA
0.1
TPS31xxE09
0.854
0.86
0.866
TPS31xxE12
1.133
1.142
1.151
VIT−
Negative-going input
(1)
TPS31xxE15
TA = 25°C
1.423
1.434
1.445
V
VIT−
Negative-going input
threshold voltage (1)
TPS31xxE16
TA = 25°C
1.512
1.523
1.534
V
threshold voltage
TPS31xxH20
1.829
1.843
1.857
TPS31xxK33
2.919
2.941
2.963
VIT−(S)
Negative-going input
threshold voltage (1)
SENSE, PFI
VDD ≥ 0.8 V, TA = 25°C
0.542
0.551
0.559
V
0.8 V
≤ VIT < 1.5 V
20
Vhys
Hysteresis at VDD input
1.6 V
≤ VIT < 2.4 V
30
mV
Vhys
Hysteresis at VDD input
2.5 V
≤ VIT < 3.3 V
50
mV
T(K)
Temperature coefficient of VIT−, PFI, SENSE TA = −40°C to 85°C
−0.012
−0.019
%/K
Vhys
Hysteresis at SENSE, PFI input
VDD ≥ 0.8 V
15
mV
MR
MR = VDD, VDD = 3.3 V
−25
25
IIH
High-level input current
SENSE, PFI, WDI
SENSE, PFI, WDI = VDD,
VDD = 3.3 V
−25
25
nA
IIL
Low-level input current
MR
MR = 0 V, VDD = 3.3 V
−47
−33
−25
µA
IIL
Low-level input current
SENSE, PFI, WDI
SENSE, PFI, WDI = 0 V, VDD = 3.3 V
−25
25
nA
IOH
High-level output
current at RESET (2)
Open drain
VDD = VIT + 0.2 V, VOH = 3.3 V
200
nA
VDD > VIT (average current),
VDD < 1.8 V
1.2
3
IDD
Supply current
VDD > VIT (average current),
VDD > 1.8 V
2
4.5
µA
DD
VDD < VIT, VDD < 1.8 V
22
VDD < VIT, VDD > 1.8 V
27
Internal pull-up resistor at MR
70
100
130
k
Ci
Input capacitance at MR, SENSE, PFI, WDI
VI = 0 V to VDD
1
pF
(1) To ensure the best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) should be placed close to the supply terminals.
(2) Also refers to RSTVDD and RSTSENSE


Similar Part No. - TPS3103E15DVBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103E15DBVR TI-TPS3103E15DBVR Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E15DBVR TI-TPS3103E15DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVR TI-TPS3103E15DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVR TI1-TPS3103E15DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVR TI1-TPS3103E15DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Similar Description - TPS3103E15DVBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com