Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V27L35G Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70V27L35G
Description  HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V27L35G Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70V27L35G Datasheet HTML 1Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 2Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 3Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 4Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 5Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 6Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 7Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 8Page - Integrated Device Technology IDT70V27L35G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Commercial and Industrial Temperature Range
IDT 70V27S/L
High-Speed 3.3V 32K x 16 Dual-Port Static RAM
3
Pin Configurations(1,2,3) (con't.)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 12mm x 12mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
3603 drw 02a
IDT70V27BF
BF144-1(4)
144-Pin fpBGA
Top View(5)
M/
S
BUSYL
A2L
A4L
A7L
NC
NC
A11L
I/O3R
VCC
I/O2R
GND
I/O0R
GND
I/O0L
I/O3L
NC
I/O6L
I/O5L
VCC
NC
NC
NC
NC
LBR
CE0R
SEMR
GND
I/O14R
GND
NC
GND
R/
WR
OER
I/O15R
I/O12R
NC
GND
CE1R
NC
I/O10R
NC
NC
NC
A12L
A13L
NC
NC
UBL
CE0L
VCC
VCC
NC
R/
WL
CE1L
I/O15L
NC
NC
NC
OEL
I/O14L
NC
A9L
I/O10L
I/013L
A6L
NC
NC
I/O11R
NC
I/O8R
NC
I/O6R
NC
I/O2L
I/O4L
I/O5R
NC
NC
NC
I/O4R
I/O7R
NC
UBR
NC
NC
I/O13R
A1
NC
A2
NC
A3
A8L
A4
A5L
A5
A1L
A6
INTL
A7
GND
A8
BUSYR
A9
A1R
NC
A10L
A14L
A10
A5R
A11
NC
A12
NC
A13
NC
LBL
SEML
VCC
NC
GND
I/O12L
I/O11L
I/O9L
NC
NC
I/O8L
I/O7L
NC
I/O1L
VCC
I/O1R
NC
VCC
NC
NC
NC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
E1
E2
E3
E4
E10
E11
E12
E13
F1
F2
F3
F4
F10
F11
F12
F13
G1
G2
G3
G4
G10
G11
G12
G13
H1
H2
H3
H4
H10
H11
H12
H13
J1
J2
J3
J4
J10
J11
J12
J13
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
K13
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
L11
L12
L13
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
INTR
A2R
A6R
A3L
NC
NC
NC
A3R
A7R
A9R
A10R
A11R
A4R
A8R
A12R
A13R
A14R
A0R
A0L
I/O9R
,


Similar Part No. - IDT70V27L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V27S RENESAS-IDT70V27S Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V27L35G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com