Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1661A Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS1661A
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS1661A Datasheet HTML 2Page - Semtech Corporation GS1661A Datasheet HTML 3Page - Semtech Corporation GS1661A Datasheet HTML 4Page - Semtech Corporation GS1661A Datasheet HTML 5Page - Semtech Corporation GS1661A Datasheet HTML 6Page - Semtech Corporation GS1661A Datasheet HTML 7Page - Semtech Corporation GS1661A Datasheet HTML 8Page - Semtech Corporation GS1661A Datasheet HTML 9Page - Semtech Corporation GS1661A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
6 of 85
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 7
Table 2-1: Absolute Maximum Ratings................................................................................................... 14
Table 2-2: Recommended Operating Conditions................................................................................ 14
Table 2-3: DC Electrical Characteristics ................................................................................................. 15
Table 2-4: AC Electrical Characteristics ................................................................................................. 16
Table 4-1: Serial Digital Output................................................................................................................. 26
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 27
Table 4-3: Input Clock Requirements...................................................................................................... 28
Table 4-4: Lock Detect Conditions............................................................................................................ 29
Table 4-5: GS1661A Output Video Data Format Selections ............................................................ 32
Table 4-6: GS1661A PCLK Output Rates ................................................................................................ 34
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 37
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 38
Table 4-9: Supported CEA-861 Formats................................................................................................. 41
Table 4-10: CEA861 Timing Formats....................................................................................................... 41
Table 4-11: Supported Video Standard Codes ..................................................................................... 47
Table 4-12: Data Format Register Codes ................................................................................................ 50
Table 4-13: Error Status Register and Error Mask Register.............................................................. 53
Table 4-14: IOPROC_DISABLE Register Bits......................................................................................... 58
Table 4-15: GSPI Time Delay...................................................................................................................... 66
Table 4-16: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 67
Table 4-17: Configuration and Status Registers................................................................................... 68
Table 4-18: ANC Extraction FIFO Access Registers............................................................................ 76
Table 7-1: Packaging Data........................................................................................................................... 83


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com