Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2975A Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS2975A
Description  HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2975A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS2975A Datasheet HTML 7Page - Semtech Corporation GS2975A Datasheet HTML 8Page - Semtech Corporation GS2975A Datasheet HTML 9Page - Semtech Corporation GS2975A Datasheet HTML 10Page - Semtech Corporation GS2975A Datasheet HTML 11Page - Semtech Corporation GS2975A Datasheet HTML 12Page - Semtech Corporation GS2975A Datasheet HTML 13Page - Semtech Corporation GS2975A Datasheet HTML 14Page - Semtech Corporation GS2975A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
GS2975A HD-LINX® III Multi-Rate SDI Automatic
Reclocker with Dual Differential Outputs
Data Sheet
41487 - 4
April 2009
11 of 27
Loop Bandwidth
BWLOOP
2.97 Gb/s, KBB = VCC
–1.75
MHz
2.97 Gb/s, KBB = FLOAT
3.5
MHz
2.97 Gb/s, KBB = GND,
<0.1dB Peaking
–7.0
MHz
1.485 Gb/s, KBB = VCC
–0.875
MHz
1.485 Gb/s, KBB = FLOAT
1.75
MHz
1.485 Gb/s, KBB = GND,
<0.1dB Peaking
–3.5
MHz
270 Mb/s, KBB = VCC
–0.16
MHz
270 Mb/s, KBB = FLOAT
0.32
MHz
270 Mb/s, KBB = GND,
<0.1dB Peaking
–0.64
MHz
NOTES:
1. DDO0 to DDO1 skew alignment as defined here:
.
2. DDO0 to RCO skew alignment as defined here:
3. KBB = Float, PRN = 223-1, input jitter = 40psp-p.
4. KBB = Float, PRN = 223-1, input jitter = 20psp-p.
Table 2-2: AC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown. Typical values: VCC = 3.3V and TA =25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
DDO0
DDO1
DD
SKEW
DDO0
RCO
DR
SKEW


Similar Part No. - GS2975A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS2975ACNE3 GENNUM-GS2975ACNE3 Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS2975ACNTE3Z GENNUM-GS2975ACNTE3Z Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
More results

Similar Description - GS2975A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Gennum Corporation
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com