Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4E641612D Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4E641612D
Description  CMOS DRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E641612D Datasheet(HTML) 4 Page - Samsung semiconductor

  K4E641612D Datasheet HTML 1Page - Samsung semiconductor K4E641612D Datasheet HTML 2Page - Samsung semiconductor K4E641612D Datasheet HTML 3Page - Samsung semiconductor K4E641612D Datasheet HTML 4Page - Samsung semiconductor K4E641612D Datasheet HTML 5Page - Samsung semiconductor K4E641612D Datasheet HTML 6Page - Samsung semiconductor K4E641612D Datasheet HTML 7Page - Samsung semiconductor K4E641612D Datasheet HTML 8Page - Samsung semiconductor K4E641612D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CMOS DRAM
K4E661612D,K4E641612D
Industrial Temperature
*Note :
I CC1 , I CC3 , ICC4 and I CC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
I CC is specified as an average current. In I CC1 , ICC3 and I CC6, address can be changed maximum once while RAS =V IL. In I CC4 ,
address can be changed maximum once within one EDO mode cycle time,
t HPC .
DC AND OPERATING CHARACTERISTICS (Continued)
I CC1* : Operating Current ( RAS and UCAS , LCAS , Address cycling @
t RC =min.)
I CC2 : Standby Current ( RAS = UCAS = LCAS = W =V IH )
I CC3* : RAS -only Refresh Current ( UCAS = LCAS =V IH , RAS , Address cycling @
tRC =min.)
I CC4* : Extended Data Out
Mode Current ( RAS =V IL , UCAS or LCAS , Address cycling @
tHPC =min.)
I CC5 : Standby Current ( RAS = UCAS = LCAS = W =V CC -0.2V)
I CC6* : CAS -Before- RAS Refresh Current (RAS and UCAS or LCAS cycling @
t RC =min)
I CC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(V IH )=V CC -0.2V, Input low voltage(V IL )=0.2V, UCAS , LCAS = CAS -before- RAS cycling or 0.2V
W , OE =V IH , Address=Don
t care, DQ=Open, T RC=31.25us
I CCS : Self Refresh Current
RAS = UCAS = LCAS =0.2V, W = OE =A0 ~ A12(A11)=V CC -0.2V or 0.2V, DQ0 ~ DQ15=V CC -0.2V,
0.2V or Open
Symbol
Power
Speed
Max
Units
K4E661612D
K4E641612D
I CC1
Don
t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
I CC2
Normal
L
Don
t care
1
1
1
1
mA
mA
I CC3
Don
t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
I CC4
Don
t care
-45
-50
-60
100
90
80
100
90
80
mA
mA
mA
I CC5
Normal
L
Don
t care
0.5
200
0.5
200
mA
uA
I CC6
Don
t care
-45
-50
-60
130
120
110
130
120
110
mA
mA
mA
I CC7
L
Don
t care
350
350
uA
I CCS
L
Don
t care
350
350
uA


Similar Part No. - K4E641612D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E641612B SAMSUNG-K4E641612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E641612B-L SAMSUNG-K4E641612B-L Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E641612B-TC SAMSUNG-K4E641612B-TC Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E641612C SAMSUNG-K4E641612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E641612C-45 SAMSUNG-K4E641612C-45 Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - K4E641612D

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
   1M x 4-bit CMOS DRAM
logo
Hynix Semiconductor
HY53C256 HYNIX-HY53C256 Datasheet
648Kb / 14P
   256K x 1-Bit CMOS DRAM
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4LC8M8S0 ALSC-AS4LC8M8S0 Datasheet
566Kb / 24P
   3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com