Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8203M Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8203M
Description  Dual 3A/Single 6A Step-Down DC/DC Power Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8203M Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8203M Datasheet HTML 1Page - Intersil Corporation ISL8203M Datasheet HTML 2Page - Intersil Corporation ISL8203M Datasheet HTML 3Page - Intersil Corporation ISL8203M Datasheet HTML 4Page - Intersil Corporation ISL8203M Datasheet HTML 5Page - Intersil Corporation ISL8203M Datasheet HTML 6Page - Intersil Corporation ISL8203M Datasheet HTML 7Page - Intersil Corporation ISL8203M Datasheet HTML 8Page - Intersil Corporation ISL8203M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL8203M
4
FN8661.4
May 12, 2016
Submit Document Feedback
18
FB1
Voltage setting pin. The output voltage VOUT1 is set by an external resistor divider connected to FB1. Refer to
“Programming the Output Voltage” on page 12.
21
SYNC
Synchronization pin. Connect to logic high or input voltage VIN for non-use. Connect to an external function generator
for external synchronization. Negative edge trigger. Do not leave this pin floating. Do not tie this pin low (or to PGND).
23
SGND
Control signal ground. Connect to PGND under the module on the top layer. Make sure to have only two connect
locations between SGND and PGND to avoid noise coupling. See “PCB Layout Recommendation” on page 14.
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL8203MIRZ
ISL8203M
-40 to +85
23 Ld QFN
L23.6.5x9
ISL8203MEVAL2Z
Evaluation Board
NOTES:
1. Add “-T” suffix for 1k unit or “-T7A” suffix for 250 unit tape and reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL8203M. For more information on MSL, please see Technical Brief
TB363.


Similar Part No. - ISL8203M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8203MEVAL2Z RENESAS-ISL8203MEVAL2Z Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8203MIRZ RENESAS-ISL8203MIRZ Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
More results

Similar Description - ISL8203M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Intersil Corporation
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
   3A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
Renesas Technology Corp
ISL8202M RENESAS-ISL8202M Datasheet
1Mb / 25P
   3A Single Channel High Efficiency DC/DC Step-Down Power Module
Mar 17, 2017
logo
Global Mixed-mode Techn...
G5656 GMT-G5656 Datasheet
171Kb / 2P
   3A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
   3A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
   3A Step-down DC/DC
logo
Linear Technology
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
   Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
logo
Global Mixed-mode Techn...
G5671 GMT-G5671 Datasheet
79Kb / 1P
   3A Synchronous Step-Down DC/DC
logo
Intersil Corporation
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com