Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73841SEH Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL73841SEH
Description  Radiation Tolerant 30V 32-Channel Analog Multiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL73841SEH Datasheet(HTML) 5 Page - Intersil Corporation

  ISL73841SEH Datasheet HTML 1Page - Intersil Corporation ISL73841SEH Datasheet HTML 2Page - Intersil Corporation ISL73841SEH Datasheet HTML 3Page - Intersil Corporation ISL73841SEH Datasheet HTML 4Page - Intersil Corporation ISL73841SEH Datasheet HTML 5Page - Intersil Corporation ISL73841SEH Datasheet HTML 6Page - Intersil Corporation ISL73841SEH Datasheet HTML 7Page - Intersil Corporation ISL73841SEH Datasheet HTML 8Page - Intersil Corporation ISL73841SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL73841SEH
5
FN8846.1
May 31, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Positive Supply Voltage above GND (V+) (Note 5). . . . . . . . . . . . . . . . . +20V
Negative Supply Voltage below GND (V-) (Note 5) . . . . . . . . . . . . . . . . .-20V
Maximum Supply Voltage Differential (V+ to V-) (Note 5) . . . . . . . . . . . 40V
Analog Input Voltage (INx)
From GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±35V
Digital Input Voltage Range (EN, Ax) . . . . . . . . . . . . . . . . . . . . . . . . GND to V+
VREF to GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16.5V
ESD Tolerance
Human Body Model (Tested per MIL-STD-883 TM 3015) . . . . . . . . . 8kV
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 250V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
48 Ld CQFP (Notes 3, 4) . . . . . . . . . . . . . . .
50
2
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Positive Supply Voltage Above GND (V+) . . . . . . . . . . . . . +10.8V to +16.5V
Negative Supply Voltage Below GND (V-) . . . . . . . . . . . . . . .-10.8V to -16.5V
Supply Voltage Differential (V+ to V-) . . . . . . . . . . . . . . . . . . . . 21.6V to 33V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the package underside.
5. Tested in a heavy ion environment at LET = 86.3MeV
cm2/mg at +125°C.
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 50krad(Si) with exposure at a low dose rate
of <10mrad(Si)/s.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VS
Analog Input Signal Range
V-
-V+
V
rON
Channel ON-Resistance
V± = ±15.0V, ±16.5V
IOUT = -1mA, VIN = +5V, -5V
--
500
Ω
V± = ±15.0V, ±16.5V
IOUT = -1mA, VIN = V+, V-
--
700
Ω
ΔrON
rON Match Between Channels
VIN = +5V, -5V; IOUT = -1mA
-
10
20
Ω
RFLAT(ON)
ON-Resistance Flatness
VIN = +5V, -5V
-
-
25
Ω
IS(OFF)
Switch Off Leakage
VIN = V+ - 5V, V± = ±16.5V
All unused inputs are tied to V- + 5V
-10
-
10
nA
Post radiation
-100
-
100
nA
VIN = V- + 5V, V± = ±16.5V
All other inputs = V+ - 5V
TA = +25°C, -55°C
-10
-
10
nA
TA = +125°C
-20
-
20
nA
Post radiation
-100
-
100
nA
IS(OFF) POWER OFF Switch Off Leakage with Device
Powered Off
VIN = +25V, V± = VEN = VA = VREF = 0V
TA = +25°C, V± = 0V
-10
-
10
nA
TA = -55°C, +125°C
-10
-
80
nA
Post radiation
-100
-
100
nA
VIN = -25V, V± = VEN = VA = VREF = 0V
TA = +25°C, V± = 0V
-10
-
10
nA
TA = -55°C, +125°C
-80
-
10
nA
Post radiation
-100
-
100
nA


Similar Part No. - ISL73841SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHF/PROTO RENESAS-ISL73841SEHF/PROTO Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHVF RENESAS-ISL73841SEHVF Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHVX RENESAS-ISL73841SEHVX Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHX/SAMPLE RENESAS-ISL73841SEHX/SAMPLE Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results

Similar Description - ISL73841SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Aeroflex Circuit Techno...
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
   ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
logo
Intersil Corporation
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
logo
Intersil Corporation
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
logo
Renesas Technology Corp
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com