Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X8016T3B-Q Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6X8016T3B-Q
Description  512Kx16 bit Low Power Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X8016T3B-Q Datasheet(HTML) 1 Page - Samsung semiconductor

  K6X8016T3B-Q Datasheet HTML 1Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 2Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 3Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 4Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 5Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 6Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 7Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 8Page - Samsung semiconductor K6X8016T3B-Q Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6X8016T3B Family
Revision 1.0
September 2003
1
CMOS SRAM
Document Title
512Kx16 bit Low Power Full CMOS Static RAM
Revision History
Revision No.
0.0
0.1
1.0
Remark
Preliminary
Preliminary
Final
History
Initial draft
Revised
- Deleted 44-TSOP2-400R package type.
Finalized
- Changed ICC1 from 4mA to 3mA
- Changed ICC2 from 45mA to 30mA
- Changed ISB1(industrial) from 30
µA to 15µA
- Changed ISB1(Automotive) from 40
µA to 25µA
Draft Date
October 31, 2002
December 11, 2002
September 16, 2003
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to yourquestions about device. If you have any questions, please contact the SAMSUNG branch offices.


Similar Part No. - K6X8016T3B-Q

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8016C3B SAMSUNG-K6X8016C3B Datasheet
130Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
More results

Similar Description - K6X8016T3B-Q

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8016C3B SAMSUNG-K6X8016C3B Datasheet
130Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
K6T8016C3M SAMSUNG-K6T8016C3M Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com