Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I5102S Datasheet(PDF) 9 Page - Winbond

Part # I5102S
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5102S Datasheet(HTML) 9 Page - Winbond

Back Button I5102S Datasheet HTML 5Page - Winbond I5102S Datasheet HTML 6Page - Winbond I5102S Datasheet HTML 7Page - Winbond I5102S Datasheet HTML 8Page - Winbond I5102S Datasheet HTML 9Page - Winbond I5102S Datasheet HTML 10Page - Winbond I5102S Datasheet HTML 11Page - Winbond I5102S Datasheet HTML 12Page - Winbond I5102S Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ISD5100 – SERIES
Publication Release Date: October, 2003
- 9 -
Revision 0.2
7. FUNCTIONAL DESCRIPTION
7.1. OVERVIEW
7.1.1 Speech/Voice Quality
The ISD5100 ChipCorder Series can be configured via software to operate at 4.0, 5.3, 6.4 or 8.0 kHz
sampling frequency to select appropriate voice quality. Increasing the duration decreases the
sampling frequency and bandwidth, which affects audio quality. The table in the following section
shows the relationship between sampling frequency, duration and filter pass band.
7.1.2. Duration
To meet system requirements, the ISD5100 Series are single-chip solution, which provide 1 to 16
minutes of voice record and playback, depending upon the sample rates chosen.
Duration [1]
Sample Rate
(kHz)
ISD5116
ISD5108
ISD5104
ISD5102
Typical Filter
Knee (kHz)
8.0
8 min 44 sec
4 min 22 sec
2 min 11 sec
1 min 5 sec
3.4
6.4
10 min 55 sec
5 min 27 sec
2 min 43 sec
1 min 21 sec
2.7
5.3
13 min 6 sec
6 min 33 sec
3 min 17 sec
1 min 38 sec
2.3
4.0
17 min 28 sec
8 min 44 sec
4 min 22 sec
2 min 11 sec
1.7
[1] Minus any pages selected for digital storage
7.1.3. Flash Technology
One of the benefits of Winbond’s ChipCorder technology is the use of on-chip Flash memory, which
provides zero-power message storage. The message is retained for up to 100 years (typically) without
power. In addition, the device can be re-recorded over 10,000 times (typically) for the digital data and
over 100,000 times (typically) for the analog messages.
A new feature has been added that allows memory space in the ISD5100 Series to be allocated to
either digital or analog storage when recorded. The fact that a section has been assigned digital or
analog data is stored in the Message Address Table by the system microcontroller when the recording
is made.
7.1.4. Microcontroller Interface
The ISD5100 Series are controlled through an I
2C 2-wire interface. This synchronous serial port
allows commands, configurations, address data, and digital data to be loaded into the device, while
allowing status, digital data and current address information to be read back from the device. In
addition to the serial interface, two other status pins can feedback to the microcontroller for enhanced


Similar Part No. - I5102S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5102SY NUVOTON-I5102SY Datasheet
678Kb / 90P
   SINGLE-CHIP
I5102SYI NUVOTON-I5102SYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - I5102S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com