Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3301 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3301 Datasheet HTML 1Page - Diodes Incorporated AP3301 Datasheet HTML 2Page - Diodes Incorporated AP3301 Datasheet HTML 3Page - Diodes Incorporated AP3301 Datasheet HTML 4Page - Diodes Incorporated AP3301 Datasheet HTML 5Page - Diodes Incorporated AP3301 Datasheet HTML 6Page - Diodes Incorporated AP3301 Datasheet HTML 7Page - Diodes Incorporated AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
4 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
30
V
IO
Gate Output Current
350
mA
VFB, VSENSE, VDEM
Input Voltage to FB, SENSE,DEM
-0.3 to 7
V
θJA
Thermal Resistance (Junction to Ambient)
250
°C/W
PD
Power Dissipation at TA < +25°C
500
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
ESD (Human Body Model)
3000
V
ESD (Machine Model)
200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
25
V
TA
Ambient Temperature
-40
+85
°C


Similar Part No. - AP3301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
logo
Advanced Power Electron...
AP3302H A-POWER-AP3302H Datasheet
77Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP3302J A-POWER-AP3302J Datasheet
77Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Diodes Incorporated
AP3302K6TR-G1 DIODES-AP3302K6TR-G1 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
More results

Similar Description - AP3301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
   Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com