Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3401KTTR-G1 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3401KTTR-G1
Description  1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3401KTTR-G1 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3401KTTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 9Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 10Page - Diodes Incorporated AP3401KTTR-G1 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP3401
Document number: DS37389 Rev. 2 - 2
10 of 11
www.diodes.com
June 2016
© Diodes Incorporated
AP3401
Suggested Pad Layout
(1)
Package Type: TSOT26
Y1
C
X
Y
(2)
Package Type: U-DFN2020-6 (Type J)
X1
Y2 Y1
C
X
Y
G
Dimensions
Value
(in mm)
C
0.650
G
0.120
X
0.350
X1
1.650
Y
0.550
Y1
0.960
Y2
2.300
Dimensions Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199


Similar Part No. - AP3401KTTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Advanced Power Electron...
AP3402GEH A-POWER-AP3402GEH Datasheet
62Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3402GEJ A-POWER-AP3402GEJ Datasheet
62Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Diodes Incorporated
AP3402KTTR-G1 DIODES-AP3402KTTR-G1 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results

Similar Description - AP3401KTTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com