Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5809-150QP1-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5809-150QP1-7
Description  AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809-150QP1-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5809-150QP1-7 Datasheet HTML 4Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 5Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 6Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 7Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 8Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 9Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 10Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 11Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AL5809Q
Document number: DS38233 Rev. 1 - 2
8 of 12
www.diodes.com
March 2016
© Diodes Incorporated
AL5809Q
Typical Performance Characteristics (Continued) (60mA, 90mA, 150mA Options)
Figure 16 LED Current vs. VInOut
Figure 17 Startup Minimum Operating Voltage
Figure 18 LED Current across Temperature
Figure 19 LED Current Accuracy (%) vs. VINOUT across
Temperature
Figure 20 THSD of 60mA Current Option
Figure 21 THSD of 150mA Current Option
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
VInOut [V]
60mA
90mA
150mA
TA=25⁰C
VInOut=3.5
Temperature[⁰C]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
LED Current [mA]
VInOut[V]
60mA
90mA
150mA
TA=25⁰C
C
-10
0
10
20
30
40
50
60
70
100
110
120
130
140
150
160
LED Current [mA]
Ambient Tempature [⁰C]
T_Shut Down
T_Recovery
VInOut=3.5V
60mA
-20
0
20
40
60
80
100
120
140
160
100
110
120
130
140
150
160
LED Current [mA]
Temperature [⁰C]
T_Recovery
T_Shut Down
VInOut=3.5V
150mA


Similar Part No. - AL5809-150QP1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809-150QP1-7 DIODES-AL5809-150QP1-7 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
More results

Similar Description - AL5809-150QP1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
AL5809 DIODES-AL5809 Datasheet
830Kb / 13P
   60V Two Terminal Constant Current LED Driver
AL5809 DIODES-AL5809_16 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com