Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3983R Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3983R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983R Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3983R Datasheet HTML 6Page - Diodes Incorporated AP3983R Datasheet HTML 7Page - Diodes Incorporated AP3983R Datasheet HTML 8Page - Diodes Incorporated AP3983R Datasheet HTML 9Page - Diodes Incorporated AP3983R Datasheet HTML 10Page - Diodes Incorporated AP3983R Datasheet HTML 11Page - Diodes Incorporated AP3983R Datasheet HTML 12Page - Diodes Incorporated AP3983R Datasheet HTML 13Page - Diodes Incorporated AP3983R Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP3983R
Document number: DS38247 Rev. 3 - 2
10 of 15
www.diodes.com
June 2016
© Diodes Incorporated
AP3983R
Operation Principle Description (Cont.)
VCS_L
VCS_H
Light-load
High-load
VCS_REF
fSW
0.5kHz
80kHz
37%
5%
24kHz
IO(MAX)
65kHz
full load
Figure 4 Multiple Segment Peak Current at CV Mode
It can be seen from Figure 4, with multiple segment peak current control, the AP3983R power system can keep switching frequency above
24kHz at whole heavy load and most of light load to guarantee the audible noise-free performance.
Constant Voltage Operation in LL Mode and Dynamic Response
In primary side regulation of the AP3983R application, APR3415 must be used at secondary side as the output voltage regulator, low standby
power and excellent dynamic response can be achieved. When the output voltage detected by APR3415 is lower than its trigger voltage,
APR3415 outputs periodical signals which will be coupled to auxiliary side. When the AP3983R detects the signal which is valid that the signal
voltage is higher than VTRIGGER and tOFF is longer than tDELAY, the AP3983R will begin an operating pulse, then primary switch immediately turns
on to provide one energy pulse to output terminal and primary VCC.
By fast response and cooperation, the APR3415 and AP3983R can maintain a constant output voltage with very low operating frequency in LL
mode and also can effectively improve dynamic performance for primary side regulation power systems.
The conditions of entering LL mode---VCPC<20mV and tOFF>256μs.
The condition of exiting LL mode---VCPC ≥40mV or tOFF<256μs.
The critical point of the LL mode is generally about 5% IO(MAX).
3-Segment Drive Current for Radiative EMI Suppression
When the power switch is turned on, a turn-on spike will occur, that worsens the radiative EMI. It is an effective way to decrease drive current
before gate voltage gets to miller platform. The AP3983R uses 3-segment drive current for radiative EMI suppression, as shown in Figure 5.
When gate voltage gets to 6V, the AP3983R drive current switches from low current (43mA) to high current (110mA). When the gate voltage
gets to 10V, the drive current will decrease gradually to 0mA until the gate voltage goes up to the clamp voltage (13V).


Similar Part No. - AP3983R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BMTR-G1 DIODES-AP3983BMTR-G1 Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BMTR-G1 DIODES-AP3983BMTR-G1 Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983C DIODES-AP3983C Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3983R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com