Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2100Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B2100Q
Description  2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B2100Q Datasheet(HTML) 1 Page - Diodes Incorporated

  B2100Q Datasheet HTML 1Page - Diodes Incorporated B2100Q Datasheet HTML 2Page - Diodes Incorporated B2100Q Datasheet HTML 3Page - Diodes Incorporated B2100Q Datasheet HTML 4Page - Diodes Incorporated B2100Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B270Q - B2100Q
Document number: DS38620 Rev. 1 - 2
1 of 5
www.diodes.com
February 2016
© Diodes Incorporated
B270Q -B2100Q
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Product Summary (@ +25°C)
B270Q
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
70
2.0
0.79
7
B280Q
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
80
2.0
0.79
7
B290Q
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
90
2.0
0.79
7
B2100Q
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
100
2.0
0.79
7
Description and Applications
This Schottky Barrier Rectifier is designed to meet the general
requirements of commercial applications. It is ideally suited for use as
a:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
Features and Benefits
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Surge Overload Rating to 50A Peak
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
High Temperature Soldering: +260°C/10 second at Terminal
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SMB
Case Material: Molded Plastic. "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.093 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
B2xxxQ-13-F
Automotive
SMB
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5.
For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Green
XXXX = Product Type Marking Code, ex: B290 (SMB Package)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 16 for 2016)
WW = Week Code (01 to 53)


Similar Part No. - B2100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B2100 DIODES-B2100 Datasheet
44Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B2100 DIODES-B2100 Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B2100 DIODES-B2100 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
logo
Okaya Electric America,...
B2100 OKAYA-B2100 Datasheet
163Kb / 2P
   SURGE PROTECTIVE DEVICES
logo
Compact Technology Corp...
B2100 CTC-B2100 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B2100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS2100Q DIODES-DFLS2100Q Datasheet
211Kb / 5P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B270AE DIODES-B270AE Datasheet
377Kb / 5P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS2100 DIODES-DFLS2100 Datasheet
122Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B270 DIODES-B270_1 Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270_10 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
B270 DIODES-B270_18 Datasheet
414Kb / 6P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS2100 DIODES-DFLS2100_16 Datasheet
209Kb / 5P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B2100-13 DIODES-B2100-13 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B270 DIODES-B270_15 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B2100A DIODES-B2100A Datasheet
199Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
January 2014 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com