Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1100BQ-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B1100BQ-13-F
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B1100BQ-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  B1100BQ-13-F Datasheet HTML 1Page - Diodes Incorporated B1100BQ-13-F Datasheet HTML 2Page - Diodes Incorporated B1100BQ-13-F Datasheet HTML 3Page - Diodes Incorporated B1100BQ-13-F Datasheet HTML 4Page - Diodes Incorporated B1100BQ-13-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B170BQ - B1100BQ
Document number: DS38540 Rev.2 - 2
1 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B170BQ - B1100BQ
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Product Summary (@+25°C)
B170BQ
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
70
1.0
0.79
0.5
B180BQ
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
80
1.0
0.79
0.5
B190BQ
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
90
1.0
0.79
0.5
B1100BQ
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
100
1.0
0.79
0.5
Applications
Polarity Protection Diode
Re-Circulating Diode
Blocking Diode
DC-DC
AC-DC
Features and Benefits
Guard Ring Die Construction for Transient Protection
Ideally Suited for Automated Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 125A Peak
For Use in Low Voltage Drop, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
High Temperature Soldering: +260°C/10 Second at Terminal
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SMB
Case Material: Molded Plastic. "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.093 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
B170BQ-13-F
Automotive
SMB
3,000/Tape & Reel
B180BQ-13-F
Automotive
SMB
3,000/Tape & Reel
B190BQ-13-F
Automotive
SMB
3,000/Tape & Reel
B1100BQ-13-F
Automotive
SMB
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
XXXX = Product Type Marking Code (ex: B190B)
= Manu
facturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 5 for 2015)
WW = Week Code (01 to 53)
SMB
Green


Similar Part No. - B1100BQ-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B1100B DIODES-B1100B Datasheet
64Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
B1100B DIODES-B1100B Datasheet
361Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
logo
Compact Technology Corp...
B1100B CTC-B1100B Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B1100B WEITRON-B1100B Datasheet
216Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B1100B DIODES-B1100B Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
More results

Similar Description - B1100BQ-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170Q DIODES-B170Q Datasheet
314Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170 DIODES-B170_10 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1150 DIODES-DFLS1150_08 Datasheet
132Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200Q DIODES-DFLS1200Q Datasheet
309Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com