Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760Q-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT760Q-7
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT760Q-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT760Q-7 Datasheet HTML 1Page - Diodes Incorporated BAT760Q-7 Datasheet HTML 2Page - Diodes Incorporated BAT760Q-7 Datasheet HTML 3Page - Diodes Incorporated BAT760Q-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT760Q
Document number: DS38873 Rev. 1 - 2
1 of 4
www.diodes.com
April 2016
© Diodes Incorporated
BAT760Q
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (µA)
30
1
0.55
50
Applications
DC-DC Converters
Mobile Telecomms
Blocking Diodes
Reverse Polarity Protection
Features and Benefits
Very Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOD323
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish - Matte Tin Annealed over Alloy 42 Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.004 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
BAT760Q-7
SOD323
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
LZ = Product Type Marking Code
LZ


Similar Part No. - BAT760Q-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT760 PHILIPS-BAT760 Datasheet
56Kb / 7P
   Schottky barrier diode
2004 Jan 26
logo
Diodes Incorporated
BAT760 DIODES-BAT760 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30498 Rev. 5 - 2
logo
NXP Semiconductors
BAT760 NXP-BAT760 Datasheet
56Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
logo
Diodes Incorporated
BAT760 DIODES-BAT760 Datasheet
101Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30498 Rev. 7 - 2
logo
NXP Semiconductors
BAT760 NXP-BAT760 Datasheet
64Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
More results

Similar Description - BAT760Q-7

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com