Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX-16MS-1 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # SLX-16MS-1
Description  Managed Fast Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-16MS-1 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  SLX-16MS-1 Datasheet HTML 1Page - Red Lion Controls. Inc SLX-16MS-1 Datasheet HTML 2Page - Red Lion Controls. Inc SLX-16MS-1 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLX-16MS Industrial Ethernet Switch Specifications
RECOMMENDED WIRING CLEARANCE
Front: 4” (10.2 cm)
Top: 4” (10.2 cm)
ENVIRONMENTAL
Operating Temperature: -40°C to 75°C
Storage Temperature: -40°C to 85°C
Operating Humidity: 5% to 95% (non condensing)
Operating Altitude: 0 to 30,000 ft.
Shock and Vibration: IEC 60068-2-6, -27
CERTIFICATION & COMPLIANCE
Electrical Safety: UL508/CSA C22.2/142; EN61010-1, CE
EMI Emissions: FCC part 15, ICES-003; EN61000-6-4, CE
EMC Immunity: EN61000-6-2, CE
Hazardous Locations: ANSI/ISA 12.12.01, CSA C22.2/213 (Class 1,
Division 2); EN60079-0, -15 (zone 2; category 3), CE (ATEX)
Marine: Offshore rated per ABS
MECHANICAL
Case Dimensions:
Height: 5.52” (14.02 cm)
Width: 2.13” (5.4 cm)
Depth: 4.30” (10.92 cm)
Weight: 12.0 oz (0.34 kg)
Mount: DIN rail (35 mm) and panel mount
WARRANTY
5 Years on Design and Manufacturing Defects
SWITCH PROPERTIES
Operation: Managed
Number of MAC Addresses: 8192
IEEE Compliance: 802.3, 802.3u, 802.3x, 802.1D/w,
802.1p, 802.1Q and 802.1x
Industrial Connectivity: Modbus registers for port,
power and ring status
Latency (Typical): 5 μs + frame time
Switching Method: Store-and-Forward
LED Status Indicators
Configurable Alarm Contact
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 3.2 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
MTBF: >1M hours GB @ 40°C per MIL HNDBK-217F2
POWER INPUT
Input Voltage Range: Dual 10-30 VDC power inputs
Input Power (Typical): 7 W
Transient Protection (Peak): 15,000 watts
Spike Protection: 5,000 watts (10 times for 10 us)
CONNECTORS
10/100Base-T: Sixteen (16) RJ-45 ports
Configuration Port: One (1) RS-232 (RJ-45) and one (1) USB (mini)
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
DIMENSIONS in inches (mm)


Similar Part No. - SLX-16MS-1

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
More results

Similar Description - SLX-16MS-1

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1504330000 WEIDMULLER-1504330000 Datasheet
326Kb / 5P
   Network switch, managed, Fast Ethernet
1240970000 WEIDMULLER-1240970000 Datasheet
262Kb / 5P
   Network switch, managed, Fast Ethernet
November 4, 2021 CET
2682250000 WEIDMULLER-2682250000 Datasheet
151Kb / 4P
   Network switch, managed, Fast Ethernet
November 4, 2021
2682270000 WEIDMULLER-2682270000 Datasheet
154Kb / 4P
   Network switch, managed, Fast Ethernet
November 4, 2021
1286790000 WEIDMULLER-1286790000 Datasheet
248Kb / 5P
   Network switch, managed, Fast Ethernet
1345240000 WEIDMULLER-1345240000 Datasheet
259Kb / 5P
   Network switch, managed, Fast Ethernet
1241080000 WEIDMULLER-1241080000 Datasheet
271Kb / 5P
   Network switch, managed, Fast Ethernet
November 4, 2021 CET
1286800000 WEIDMULLER-1286800000 Datasheet
271Kb / 5P
   Network switch, managed, Fast Ethernet
1286810000 WEIDMULLER-1286810000 Datasheet
249Kb / 5P
   Network switch, managed, Fast Ethernet
1241120000 WEIDMULLER-1241120000 Datasheet
278Kb / 5P
   Network switch, managed, Fast Ethernet
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com