Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ45-DB9F-CBL Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # RJ45-DB9F-CBL
Description  Managed Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RJ45-DB9F-CBL Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  RJ45-DB9F-CBL Datasheet HTML 1Page - Red Lion Controls. Inc RJ45-DB9F-CBL Datasheet HTML 2Page - Red Lion Controls. Inc RJ45-DB9F-CBL Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Managed Gigabit Ethernet Switch
Red Lion’s Sixnet® series SLX-8MG managed Gigabit
Ethernet switch features eight ports with four SFP
combination ports and Modbus monitoring, providing
reliable connectivity options in harsh environments.
The rugged SLX-8MG managed switch features eight 10/100/1000Base-T(X) ports with four
SFP combo ports (supporting 100Base or 1000Base fiber transceivers). Designed to handle
harsh environments, the SLX-8MG is housed in a slim, hardened metal DIN-rail enclosure,
supports redundant 10-30 VDC power inputs, and offers wire-speed throughput, high MTBF
and a wide -40° to 75°C operating temperature range. Real-Time Ring, self-healing ring
technology, Modbus/TCP remote monitoring and advanced security features ensure reliable
and secure operation in industrial applications.
PRODUCT HIGHLIGHTS
> Hardened Industrial Design
> Wide -40° to 75°C Operating Temperature
> Redundant 10 to 30 VDC Power Inputs
> Gigabit Speed (10/100/1000Base)
> Modbus/TCP Remote Monitoring
> Real-Time Ring and Rapid Spanning Tree Protocol for
network redundancy
APPLICATIONS
> Alternative Energy
> Maritime
> Oil & Gas
> Transportation
> Utility
> Water/Wastewater
SLX-8MG Industrial Ethernet Switch
Sixnet® Networking Series
FEATURES & BENEFITS
> 8 Gigabit Ethernet Ports
• Eight 10/100/1000Base-T(X) copper ports
• Four dual-mode SFP combo slots;
supports 100Base or 1000Base SFP transceivers
> Redundant Power Inputs
• 10-30VDC
• Reverse polarity protection
> Robust Industrial Design
• -40° to 75°C operating temperature
• Hardened IP40 enclosure
• Extended shock and vibration specs
• Electrical noise and surge immunity
• LED status indicators
• Configurable alarm output
• DIN-Rail or panel mount
• UL/CSA: Class 1, Div 2
> Fully Managed Features Include:
• Web browser or CLI management
• MAC-based port security
• Secure web (HTTPS/SSL) and Telnet (SSH)
• IEEE 802.1x with RADIUS remote server authentication
• Broadcast and multicast storm protection
• SNMP v1, v2, v3
• DHCP Server
• Real-Time Ring fast-healing ring technology
• RSTP/MSTP 802.1w, 802.1D, 802.1Q-2005
• 802.1Q VLAN for traffic segregation
• 802.1p QoS/CoS/DS
• IGMP multicast filtering
• SNTP (Simple Network Time Protocol)
• RMON & port mirroring for advanced diagnostics
• Modbus/TCP monitoring for port, power and ring status
C
US
UL
R
LISTED
compliant


Similar Part No. - RJ45-DB9F-CBL

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
394Kb / 3P
   Managed Fast Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
386Kb / 3P
   Managed Fast Ethernet Switch with Telephone Modem
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
388Kb / 3P
   Managed Fast Ethernet Switches
More results

Similar Description - RJ45-DB9F-CBL

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
   Network switch, managed, Gigabit Ethernet
logo
Red Lion Controls. Inc
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
   Network switch, managed, Gigabit Ethernet
November 4, 2021
logo
Red Lion Controls. Inc
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com