Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7R161884B-FC25 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7R161884B-FC25
Description  512Kx36 & 1Mx18 QDR II b4 SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R161884B-FC25 Datasheet(HTML) 2 Page - Samsung semiconductor

  K7R161884B-FC25 Datasheet HTML 1Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 2Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 3Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 4Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 5Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 6Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 7Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 8Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
- 2 -
Rev 3.1
July. 2004
512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7R163684B
K7R161884B
36 (or 18)
Q(Data Out)
(Echo Clock out)
CQ, CQ
72
512Kx36-bit, 1Mx18-bit QDRTM II b4 SRAM
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• 1.8V+0.1V/-0.1V Power Supply.
• DLL circuitry for wide output data valid window and future
freguency scaling.
• I/O Supply Voltage 1.5V+0.1V/-0.1V for 1.5V I/O,
1.8V+0.1V/-0.1V for 1.8V I/O
.
• Separate independent read and write data ports
with concurrent read and write operation
• HSTL I/O
• Full data coherency, providing most current data .
• Synchronous pipeline read with self timed late write.
• Registered address, control and data input/output.
• DDR(Double Data Rate) Interface on read and write ports.
• Fixed 4-bit burst for both read and write operation.
• Clock-stop supports to reduce current.
• Two input clocks(K and K) for accurate DDR timing at clock
rising edges only.
• Two input clocks for output data(C and C) to minimize
clock-skew and flight-time mismatches.
• Two echo clocks (CQ and CQ) to enhance output data
traceability.
• Single address bus.
• Byte write (x18, x36) function.
• Sepatate read/write control pin(R and W)
• Simple depth expansion with no data contention.
• Programmable output impenance.
• JTAG 1149.1 compatible test access port.
• 165FBGA(11x15 ball array FBGA) with body size of 13x15mm
R
ADDRESS
W
C
C
D(Data in)
ADD
REG
DATA
REG
CLK
GEN
CTRL
LOGIC
512Kx36
(1Mx18)
MEMORY
ARRAY
WRITE DRIVER
K
K
BWX
36 (or 18)
SELECT OUTPUT CONTROL
Notes: 1. Numbers in ( ) are for x18 device
72
17
17 (or 18)
4 (or 2)
72(or 36)
72(or 36)
144
Organization
Part
Number
Cycle
Time
Access
Time
Unit
X36
K7R163684B-FC30
3.3
0.45
ns
K7R163684B-FC25
4.0
0.45
ns
K7R163684B-FC20
5.0
0.45
ns
K7R163684B-FC16
6.0
0.50
ns
X18
K7R161884B-FC30
3.3
0.45
ns
K7R161884B-FC25
4.0
0.45
ns
K7R161884B-FC20
5.0
0.45
ns
K7R161884B-FC16
6.0
0.50
ns
QDR SRAM and Quad Data Rate comprise a new family of products developed by Cypress, Renesas, IDT, NEC and Samsung technology.
(or 18)
(or 36)
(or 36)
(or 72)


Similar Part No. - K7R161884B-FC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R161884B SAMSUNG-K7R161884B Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
More results

Similar Description - K7R161884B-FC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com