Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K2G08Q0M Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9K2G08Q0M
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08Q0M Datasheet(HTML) 3 Page - Samsung semiconductor

  K9K2G08Q0M Datasheet HTML 1Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 2Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 3Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 4Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 5Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 6Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 7Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 8Page - Samsung semiconductor K9K2G08Q0M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
FLASH MEMORY
3
K9W4G08U1M
K9W4G16U1M
K9K2G08U0M
K9K2G16Q0M
K9K2G08Q0M
K9K2G16U0M
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
-1.8V device(K9K2GXXQ0M): 1.7V~1.95V
-3.3V device(K9XXGXXUXM): 2.7 V ~3.6 V
• Organization
- Memory Cell Array
-X8 device(K9K2G08X0M) : (256M + 8,192K)bit x 8bit
-X16 device(K9K2G16X0M) : (128M + 4,096K)bit x 16bit
- Data Register
-X8 device(K9K2G08X0M): (2K + 64)bit x8bit
-X16 device(K9K2G16X0M): (1K + 32)bit x16bit
- Cache Register
-X8 device(K9K2G08X0M): (2K + 64)bit x8bit
-X16 device(K9K2G16X0M): (1K + 32)bit x16bit
• Automatic Program and Erase
- Page Program
-X8 device(K9K2G08X0M): (2K + 64)Byte
-X16 device(K9K2G16X0M): (1K + 32)Word
- Block Erase
-X8 device(K9K2G08X0M): (128K + 4K)Byte
-X16 device(K9K2G16X0M): (64K + 2K)Word
• Page Read Operation
- Page Size
- X8 device(K9K2G08X0M): 2K-Byte
- X16 device(K9K2G16X0M) : 1K-Word
- Random Read : 25
µs(Max.)
- Serial Access
1.8V device(K9K2GXXQ0M): 80ns(Min.)
3.3V device(K9XXGXXUXM): 50ns(Min.)
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
• Fast Write Cycle Time
- Program time : 300
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Cache Program Operation for High Performance Program
• Power-On Auto-Read Operation
• Intelligent Copy-Back Operation
• Unique ID for Copyright Protection
• Package :
- K9K2GXXX0M-YCB0/YIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9K2G08U0M-VCB0/VIB0
48 - Pin WSOP I (12X17X0.7mm)
- K9K2GXXX0M-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)- Pb-free Package
- K9K2G08U0M-FCB0/FIB0
48 - Pin WSOP I (12X17X0.7mm)- Pb-free Package
* K9K2G08U0M-V,F(WSOPI ) is the same device as
K9K2G08U0M-Y,P(TSOP1) except package type.
- K9W4GXXU1M-YCB0,PCB0/YIB0,PIB0 : Two K9K2G08U0M
stacked.
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9W4GXXU1M-KCB0,ECB0/KIB0,EIB0 : Two K9K2G08U0M
stacked.
48 - Pin TSOP I (12 x 17 / 0.5 mm pitch)
Offered in 256Mx8bit or 128Mx16bit, the K9K2GXXX0M is 2G bit with spare 64M bit capacity. Its NAND cell provides the most cost-
effective solution for the solid state mass storage market. A program operation can be performed in typical 300
µs on the 2112-
byte(X8 device) or 1056-word(X16 device) page and an erase operation can be performed in typical 2ms on a 128K-byte(X8 device)
or 64K-word(X16 device) block. Data in the data page can be read out at 80ns(1.8V device) or 50ns(3.3V device) cycle time per
byte(X8 device) or word(X16 device). The I/O pins serve as the ports for address and data input/output as well as command input.
The on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verifi-
cation and margining of data. Even the write-intensive systems can take advantage of the K9K2GXXX0M
′s extended reliability of
100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The K9K2GXXX0M is an
optimum solution for large nonvolatile storage applications such as solid state file storage and other portable applications requiring
non-volatility. An ultra high density solution having two 2Gb stacked with two chip selects is also available in standard TSOPI pack-
age.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9K2G08Q0M-Y,P
1.7 ~ 1.95V
X8
TSOP1
K9K2G16Q0M-Y,P
X16
K9XXG08UXM-Y,P,K,E
2.7 ~ 3.6V
X8
K9XXG16UXM-Y,P,K,E
X16
K9K2G08U0M-V,F
X8
WSOP1


Similar Part No. - K9K2G08Q0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08Q0M-P SAMSUNG-K9K2G08Q0M-P Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-PCB0 SAMSUNG-K9K2G08Q0M-PCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-PIB0 SAMSUNG-K9K2G08Q0M-PIB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-Y SAMSUNG-K9K2G08Q0M-Y Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-YCB0 SAMSUNG-K9K2G08Q0M-YCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08Q0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com