Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFIBER-SFP-60K Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # FSFIBER-SFP-60K
Description  SlimLine Plus Gigabit Industrial Connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

FSFIBER-SFP-60K Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  FSFIBER-SFP-60K Datasheet HTML 1Page - Red Lion Controls. Inc FSFIBER-SFP-60K Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLX-5EG-2SFP Industrial Ethernet Switch
Sixnet Networking Series
SlimLine Plus Gigabit Industrial Connectivity
CONNECT. MONITOR. CONTROL.
The 5-port Red Lion Sixnet SLX-5EG-2SFP (2 + 3G) all Gigabit Ethernet switch is designed for exceptional
performance and superior reliability in industrial networking environments. Gigabit operation drives
ultrafast data throughput and network efficiency. The SLX series features rugged construction optimized
for high tolerance to extreme environmental conditions. Convenient plug-and-play capabilities eliminates
time-consuming setup and configuration. Ethernet SFP ports for fiber or copper links can be mixed and
matched to provide port flexibility.
PRODUCT HIGHLIGHTS
3 fully IEEE-compliant Gigabit PoE
ports (10/100/1000)
2 Gigabit SFP ports
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-5EG-2SFP Industrial Ethernet Switch
SlimLine Plus Gigabit Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– All Gigabit ports
– Flexible fiber configuration via SFP
– Auto-sensing for speed and duplex
– Auto-MDI/MDIX-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
Rugged, Reliable Operation
• Supports deployment in extreme
environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– Operating temperature: -40° to +85°C
– Rugged corrosion-resistant metal
enclosure
– Hazardous locations for Class I, Div 2
and Zone 2
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series


Similar Part No. - FSFIBER-SFP-60K

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
FSFIBER-SFP-60K SIXNET-FSFIBER-SFP-60K Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
logo
Red Lion Controls. Inc
FSFIBER-SFP-60K REDLION-FSFIBER-SFP-60K Datasheet
1Mb / 4P
   Layer 2 Industrial Ethernet Switch
FSFIBER-SFP-60K REDLION-FSFIBER-SFP-60K Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
FSFIBER-SFP-60K REDLION-FSFIBER-SFP-60K Datasheet
902Kb / 2P
   Industrial Fast Ethernet Fiber Transceivers
More results

Similar Description - FSFIBER-SFP-60K

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-3ES REDLION-SLX-3ES Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
   Military-Rated Gigabit Industrial Connectivity
logo
List of Unclassifed Man...
HMI5043L ETC1-HMI5043L Datasheet
335Kb / 2P
   4.3??Slimline Industrial HMI
logo
Red Lion Controls. Inc
EL212F REDLION-EL212F Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
   Military-Rated Industrial Connectivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com