Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC4029SK4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC4029SK4
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4029SK4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC4029SK4 Datasheet HTML 1Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 2Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 3Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 4Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 5Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 6Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 7Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 8Page - Diodes Incorporated DMC4029SK4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMC4029SK4
Document number: DS37823 Rev. 3 - 2
2 of 10
www.diodes.com
June 2016
© Diodes Incorporated
DMC4029SK4
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value_Q1
Value_Q2
Unit
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.3
6.7
-6.1
-4.9
A
t<10s
TA = +25°C
TA = +70°C
ID
11.8
9.4
-8.6
-6.9
A
Maximum Body Diode Forward Current (Note 6)
IS
2.5
-2.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
45
-35
A
Avalanche Current, L = 0.1mH (Note 8)
IAS
21
-20
A
Avalanche Energy, L = 0.1mH (Note 8)
EAS
22
20
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.5
W
TA = +70°C
1.0
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
88
°C/W
t<10s
40
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.9
W
TA = +70°C
1.6
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
42
°C/W
t<10s
20
Thermal Resistance, Junction to Case (Note 7)
RθJC
4.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics
— Q1 N-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
15
24
m
VGS = 10V, ID = 6A
20
32
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
CISS
1,060
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
84
Reverse Transfer Capacitance
CRSS
58
Gate Resistance
RG

1.6

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
QG
8.8
nC
VDS = 20V, ID = 8A
Total Gate Charge (VGS = 10V)
QG

19.1

Gate-Source Charge
QGS
3.0
Gate-Drain Charge
QGD
2.5
Turn-On Delay Time
tD(ON)
5.3
ns
VDD = 25V, RL = 2.5Ω
VGS = 10V, RG = 3Ω
Turn-On Rise Time
tR
7.1
Turn-Off Delay Time
tD(OFF)
15.1
Turn-Off Fall Time
tF

4.8

Body Diode Reverse Recovery Time
tRR

10.5

ns
IF = 8A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

4.15

nC
IF = 8A, di/dt = 100A/μs


Similar Part No. - DMC4029SK4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4029SSD DIODES-DMC4029SSD Datasheet
411Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2014
DMC4029SSD-13 DIODES-DMC4029SSD-13 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD-13 DIODES-DMC4029SSD-13 Datasheet
411Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2014
DMC4029SSDQ-13 DIODES-DMC4029SSDQ-13 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSDQ-13 DIODES-DMC4029SSDQ-13 Datasheet
411Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2014
More results

Similar Description - DMC4029SK4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com