Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT24K-16TX Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # NT24K-16TX
Description  Industrial Managed Gigabit Ethernet Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NT24K-16TX Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  NT24K-16TX Datasheet HTML 1Page - Red Lion Controls. Inc NT24K-16TX Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES & BENEFITS
> 16 Copper Ports
• Sixteen 10/100/1000Base-T(X) copper ports
> Redundant 10 to 49 VDC Power Inputs
• Keeps network running in the event of a power
supply failure
> Extended Environmental Specifications
• -40° to 85°C operating temperature range
• > 2M hours MTBF
• UL/cUL: Class I, Div. 2 Groups A, B, C and D
> Plug-and-Play Operation:
• IGMP auto-configuration
• MDIX auto-sensing cable
• Simple network ring configuration
• Backup and restore via recovery card or XML
NT24k®-16TX Industrial Ethernet Switch
N-Tron® Networking Series
Industrial Managed Gigabit Ethernet Switch
PRODUCT HIGHLIGHTS
> Copper Ports
> Smart Plug-and-Play Operation
> 10 to 49 VDC Redundant Power Inputs
> -40° to 85°C Wide Operating Temperature
> Robust Remote Monitoring
> N-Ring & N-LinkNetwork Ring Technology
APPLICATIONS
> Alternative Energy
> Manufacturing
> Oil & Gas
> Transportation
> Water/Wastewater
> Fully Managed Features Include:
• Jumbo frame support
• SNMP v1, v2, v3
• Web browser management
• Detailed ring map and fault location charting
• RSTP - 802.1d, 802.1w, 802.1D
• Trunking and port mirroring
• 802.1Q tag VLAN and port VLAN
• IEEE 802.1x with RADIUS remote server authentication
• 802.1p QoS, port QoS and DSCP
• DHCP client
• Event Log
• SNTP (Simple Network Time Protocol)
• Multi-Member N-Ring technology with ~30ms healing
• N-Link redundant ring technology
• N-Viewmonitoring technology
• EtherNet/IPCIPmessaging
Red Lion’s N-Tron® series NT24k®-16TX compact managed
Gigabit Ethernet switch features sixteen 10/100/1000Base-T(X)
ports providing a reliable and secure communication network
to equipment in harsh environments.
The versatile NT24k-16TX managed switch features 16 ports (sixteen Gigabit copper ports) and is
housed in a compact, hardened metal DIN-rail enclosure with redundant 10-49 VDC power inputs.
Designed to handle the most demanding environments, the NT24k-16TX offers wire-speed throughput,
expanded shock and vibration ratings and wide -40° to 85°C operating temperature rating. IGMP auto-
configuration, IEEE 802.1x with RADIUS remote server authentication and N-Ringfast healing ring
technology ensure quick deployment and robust secure network communications in alternative
energy, factory automation applications, transportation and water/wastewater.
compliant


Similar Part No. - NT24K-16TX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-10FX2 REDLION-NT24K-10FX2 Datasheet
550Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-XX REDLION-NT24K-10FX2-XX Datasheet
550Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10FX2-XX-POE REDLION-NT24K-10FX2-XX-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FXE2-XX-YY REDLION-NT24K-10FXE2-XX-YY Datasheet
550Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NT24K-16TX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-14FX6 REDLION-NT24K-14FX6 Datasheet
562Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR24 REDLION-NT24K_DR24 Datasheet
672Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-14GX6 REDLION-NT24K-14GX6 Datasheet
573Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10FX2 REDLION-NT24K-10FX2 Datasheet
550Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-8TX REDLION-NT24K-8TX Datasheet
478Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com