Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXCDC10 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # PAXCDC10
Description  PAX2S - Dual Line Strain Gage MeteruMeter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXCDC10 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  PAXCDC10 Datasheet HTML 1Page - Red Lion Controls. Inc PAXCDC10 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron® and Sixnet®. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0134 093015 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
DISPLAY
Positive image LCD
Top Line: 6-digit, 0.71" (18 mm) tri-color backlight
(red, green or orange)
Display range: -199,999 to 999,999
Bottom Line: 9 digit, 0.35" (8.9 mm) green backlight
Display range: -199,999,999 to 999,999,999
POWER
AC Power: 40 to 250 VAC, 50/60 Hz, 20 VA
DC Power: 21.6 to 250 VDC, 8 W
ANNUNCIATORS
Backlight color: Red
1 - setpoint alarm 1 is active
2 - setpoint alarm 2 is active
3 - setpoint alarm 3 is active
4 - setpoint alarm 4 is active
Units Label: programmable 3 digit units annunciator
with tri-color backlight (red, green or orange)
KEYPAD
2 programmable function keys, 4 keys total
A/D CONVERTER
24 bit resolution
UPDATE RATES
A/D conversion rate: programmable 5 to 160 readings/sec.
INPUT CAPABILITIES
Connection Type: 4-wire bridge (differential) or
2-wire bridge (single-ended)
Range: Selectable for ± 24 mVDC or ± 240 mVDC
EXCITATION POWER
Jumper selectable
+5VDC @ 65mADC, +/- 2%
+10VDC @ 125mADC, +/- 2%
TOTALIZER
Time Base: second, minute, hour or day
Batch: Can accumulate (gate) input display from a user input
Time Accuracy: 0.01% typical
Decimal Point: 0 to 0.0000
Scale Factor: 0.001 to 65.000
Low Signal Cut-out: -199,999 to 999,999
Total: 6 digits on Line 1; 9 digits on Line 2
CUSTOM LINEARIZATION
Data Point Pairs: Selectable from 2 to 16
Display Range: -199,999 to 999,999
Decimal Point: 0 to 0.0000
MEMORY
Nonvolatile memory retains all programmable
parameters and display values
INPUTS
Three programmable user inputs
ENVIRONMENTAL
Operating Temperature Range: 0 to 50 °C
Storage Temperature Range: -40 to 60 °C
Operating and Storage Humidity: 0 to 85% max.
RH non-condensing
Altitude: Up to 2000 meters
CERTIFICATION & COMPLIANCE
Refer to EMC Installation Guidelines section of the bulletin for
additional information
CONNECTIONS
High compression cage-clamp terminal block
MECHANICAL
Construction: This unit is rated for NEMA 4X/IP65 indoor use;
IP20 Touch safe; Installation Category II, Pollution Degree 2;
One piece bezel/case; Flame resistant; Synthetic rubber keypad;
Panel gasket and mounting clip included
Weight: 8 oz. (226.8 g)
DIMENSIONS In inches (mm)
PAX2S - Dual Line Strain Gage Meter Specifications
3.80 (96.52)
(49.53)
(2.54)
(44.45)
3.60 (91.44)
4.14 (105)
1.95
0.10
1.75
3.80 (96.52)
(49.53)
(2.54)
(44.45)
3.60 (91.44)
4.14 (105)
1.95
0.10
1.75
ORDERING INFORMATION
PART NUMBER
MODEL
DESCRIPTION
PAX2S000
PAX2S
Dual Line Display Strain Gage Meter
PAXCDS10
PAXCDS
Dual Setpoint Relay Output Card
PAXCDS20
Quad Setpoint Relay Output Card
PAXCDS30
Quad Setpoint Sinking Open Collector Output Card
PAXCDS40
Quad Setpoint Sourcing Open Collector Output Card
PAXCDS50
Dual Triac/Dual SSR Drive Digital Output Card
PAXCDS60
Quad Form C Relay Digital Output Card
PAXCDC10
PAXCDC
RS485 Serial Communications Card with Terminal Block
PAXCDC1C
Extended RS485 Serial Communications Card with Dual RJ11
Connector
PAXCDC20
RS232 Serial Communications Card with Terminal Block
PAXCDC2C
Extended RS232 Serial Communications Card with
9 Pin D Connector
PAXCDC30
DeviceNet Communications Card
PAXCDC50
Profibus-DP Communications Card
PAXCDL10
PAXCDL
Analog Output Card
All specifications are subject to change. Consult the company website for more information.


Similar Part No. - PAXCDC10

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PAXCDC10 REDLION-PAXCDC10 Datasheet
637Kb / 2P
   PAX2D - Dual Line Digital Input Panel MeterMeter
PAXCDC10 REDLION-PAXCDC10 Datasheet
593Kb / 2P
   Dual-Line PID Controller
PAXCDC10 REDLION-PAXCDC10 Datasheet
691Kb / 2P
   Dual Line Display MeterDual
More results

Similar Description - PAXCDC10

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
   Strain Gage Module
logo
Vishay Siliconix
2120B VISHAY-2120B Datasheet
95Kb / 1P
   Strain Gage Signal Conditioner/Amplifier
Revision 21-Nov-03
logo
National Instruments Co...
NI9235 NI-NI9235_14 Datasheet
418Kb / 10P
   8-Channel Strain Gage Modules
NI9235 NI-NI9235 Datasheet
479Kb / 5P
   8-Channel Strain Gage Modules
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
   Wide Bandwidth Strain Gage Input
REV. 0
logo
National Instruments Co...
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
   SCXI Universal Strain Gage Input
logo
Analog Devices
3B18 AD-3B18_15 Datasheet
340Kb / 8P
   Wide Bandwidth Strain Gage Input
REV. 0
3B16 AD-3B16_15 Datasheet
358Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
logo
Red Lion Controls. Inc
LD2SG5P0 REDLION-LD2SG5P0 Datasheet
592Kb / 2P
   Large Display for Strain Gage Inputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com