Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXCDC30 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # PAXCDC30
Description  Dual Line Display MeterDual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXCDC30 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  PAXCDC30 Datasheet HTML 1Page - Red Lion Controls. Inc PAXCDC30 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Line Display Meter
Red Lion PAX®2A
Dual Line Display MeterDual Line Display Process Meter
The Red Lion PAX2A provides the maximum in
application flexibility, allowing users to stock
just one meter for numerous applications.
The input, total, min., max. or setpoints can be displayed on the 0.7" high
6-digit main LCD display. The main display also offers three programmable,
easy-to-read colors: red, orange and green. The color change can be tied
to the setpoints, providing the operator with a visual display of changing
conditions in the application. The second display line is a 0.35", high 9-digit,
green LCD that can be programmed for any of the above parameters as well.
The 9-digit display accommodates totalizing applications that easily exceed
the normal 6-digit displays. In addition to the dual displays, the meter also
offers a 3-digit programmable custom unit indicator.
APPLICATIONS
> Industrial Automation
> Factory Automation
> Process Control Applications
PRODUCT HIGHLIGHTS
> Universal Process Inputs, DC Current,
DC Voltage, Process Signals, Resistance,
Thermocouples or RTDs
> Universal Power Supply: 50 to 250 VAC or
21.6 to 250 VDC
> Built-in USB Port
> Meter Update Rate up to 160/Second
> Built-in Modbus Communications
> Setpoints: Dual and Quad Relay; Quad Sinking;
Quad Sourcing/SSR Drive; and Dual Triac/Dual
SSR Drive
> Retransmitted Analog Output
> Communications: RS232, RS485, DeviceNet,
and Profibus
FEATURES & BENEFITS
> The Main display offers three programmable,
easy-to-read colors: red, orange and green.
> The 9-digit display accommodates totalizing
applications that easily exceed the normal
6-digit displays.
> The Red Lion PAX2A provides the maximum
in application flexibility, allowing users to stock
just one meter for numerous applications.
> The ideal solution for applications that
require two parameters to be visualized at
the same time.
7
1
3
4
5
6
2
1. Top Line: 6-Digit 0.7" (18 mm) Display
2. Programmable for Red, Orange or Green
3. Custom Unit Indicator
4. Tactile Feel Buttons
5. Setpoint Annunciators
6. Bottom Line: 9-Digit 0.35" (9 mm) Green Display
7. Built-In USB Port


Similar Part No. - PAXCDC30

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PAXCDC30 REDLION-PAXCDC30 Datasheet
676Kb / 2P
   PAX2S - Dual Line Strain Gage MeteruMeter
PAXCDC30 REDLION-PAXCDC30 Datasheet
637Kb / 2P
   PAX2D - Dual Line Digital Input Panel MeterMeter
PAXCDC30 REDLION-PAXCDC30 Datasheet
593Kb / 2P
   Dual-Line PID Controller
More results

Similar Description - PAXCDC30

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
SHENZHEN FUMAN ELECTRON...
TC7262 FUMAN-TC7262 Datasheet
235Kb / 4P
   LED display line driver chip
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com