Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15102E Datasheet(PDF) 10 Page - Winbond

Part # 15102E
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

15102E Datasheet(HTML) 10 Page - Winbond

Back Button 15102E Datasheet HTML 6Page - Winbond 15102E Datasheet HTML 7Page - Winbond 15102E Datasheet HTML 8Page - Winbond 15102E Datasheet HTML 9Page - Winbond 15102E Datasheet HTML 10Page - Winbond 15102E Datasheet HTML 11Page - Winbond 15102E Datasheet HTML 12Page - Winbond 15102E Datasheet HTML 13Page - Winbond 15102E Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ISD5100 – SERIES
- 10 -
interface. These are the RAC timing pin and the INT pin for interrupts to the controller.
Communications with all the internal registers of any operations are through the serial bus, as well as
digital memory Read and Write operations.
7.1.5. Programming
The ISD5100 Series are also ideal for playback-only applications, where single or multiple messages
may be played back when desired. Playback is controlled through the I
2C interface. Once the desired
message configuration is created, duplicates can easily be generated via a third-party programmer.
For more information on available application tools and programmers, please see the Winbond web
site at www.winbond-usa.com
7.2. FUNCTIONAL DETAILS
The ISD5100 Series are single chip solutions for analog and digital data storage. The array can be
divided between analog and digital storage according to user’s choice, when the device is configured.
The below block diagram shows that the ISD5116 device can be easily designed into a telephone
answering machine (TAD). Both Mic inputs transmit the voice input signal from the microphone to
perform OGM recording, as well as to record the speech during phone conversation (simplex).
When the TAD is activated, the voice of the other party from the phone line feeds into the AUX IN, and
is recorded into the ISD5116 device. Then the new messge is usually indicated with blinking new
message LED. Hence, during playback, the recorded message is sent out to speaker with volume
control.
Two I
2C pins are used for all communications between the ChipCorder and the
microcontroller for analog and/or digital storage, and the two outputs, INT and RAC are feedback to
microcontroller for message management.
For duplex recording, speech from Mic inputs and message from received path can be directly
recorded into the array simultaneously, then playback afterwards. In addition, for speaker phone
Speaker
ISD5116
SP+
SP-
MIC+
MIC-
Microcontroller
I
2C
(INT, RAC)
NV
Memory
Display &
Push buttons
AUX IN
AUX OUT
DAA
Phone Line
DTMF Detect,
Caller ID
ANA OUT+


Similar Part No. - 15102E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15102E3 VISHAY-15102E3 Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
15102E3 VISHAY-15102E3 Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results

Similar Description - 15102E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com