Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61163A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61163A
Description  TPS6116xA Dual-Channel WLED Drivers For Smart Phones
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61163A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61163A Datasheet HTML 4Page - Texas Instruments TPS61163A Datasheet HTML 5Page - Texas Instruments TPS61163A Datasheet HTML 6Page - Texas Instruments TPS61163A Datasheet HTML 7Page - Texas Instruments TPS61163A Datasheet HTML 8Page - Texas Instruments TPS61163A Datasheet HTML 9Page - Texas Instruments TPS61163A Datasheet HTML 10Page - Texas Instruments TPS61163A Datasheet HTML 11Page - Texas Instruments TPS61163A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IFBx Voltage
Detection / OVP
D1
VBAT
Slope
Compensation
S
R
Q
Vref
PWM
SW
EA
R1
63.4k
ISET
VIN
Current Sink 1
SW OVP
GND
IFB1
IFB2
C1
1µF
VOUT
L1
GM
Duty Decoding
Current Sink 2
Analog Dimming Control
OCP
S
Enable / Disable
Detection
EN
COMP
C4
330nF
Shutdown
Control
UVLO /
Internal Regulator
R2
10
C3
1µF
C2
1µF
Comp
OSC
120mV
OPAMP
COMP clamp circuit
SW OVP
UVLO
Vclamp
Dual-Channel
Current Sinks
TPS61162A, TPS61163A
SLVSC26A – NOVEMBER 2013 – REVISED JUNE 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS61162A, TPS61163A is a high-efficiency, dual-channel white LED driver for smart-phone backlighting
applications.
Two
current
sink
regulators
of
high
current-matching
capability
are
integrated
in
the
TPS61162A,TPS61163A to support dual LED strings connection and to improve the current balance and protect
the LED diodes when either LED string is open or short.
The TPS61162A, TPS61163A has integrated all of the key function blocks to power and control up to 20 white
LED diodes. It includes a 1.5-A, 40-V boost converter, two current-sink regulators, and protection circuit for
overcurrent, overvoltage, and thermal shutdown protection.
In order to provide high brightness backlighting for large size or high resolution smart phone panels, more and
more white LED diodes are used. Having all LED diodes in a string improves overall current matching; however,
the output voltage of a boost converter will be limited when input voltage is low, and normally the efficiency will
drop when output voltage goes very high. Thus, the LED diodes are arranged in two parallel strings.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS61162A TPS61163A


Similar Part No. - TPS61163A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61163A TI1-TPS61163A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163AYFF TI1-TPS61163AYFF Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
More results

Similar Description - TPS61163A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
logo
Shenzhen Huazhimei Semi...
HM3415 HMSEMI-HM3415 Datasheet
1Mb / 6P
   Cellular and Smart Phones
logo
Toshiba Semiconductor
TPCP8405 TOSHIBA-TPCP8405 Datasheet
353Kb / 14P
   Cell Phones Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com