Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175QPWPRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61175QPWPRQ1
Description  TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61175QPWPRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61175QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS61175QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SW
SW
VIN
EN
SS
SYNC
AGND
PGND
PGND
PGND
NC
FREQ
FB
COMP
3
TPS61175-Q1
www.ti.com
SLVSCN9A – DECEMBER 2014 – REVISED APRIL 2016
Product Folder Links: TPS61175-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
TSSOP 14-PIN
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
3
I
The input supply pin for the IC. Connect VIN to a supply voltage between 2.9 V and 18 V. It is acceptable
for the voltage on the pin to be different from the boost power stage input for applications requiring voltage
beyond VIN range.
SW
1,2
I
This is the switching node of the IC. Connect SW to the switched side of the indu1ctor.
FB
9
I
Feedback pin for positive voltage regulation. Connect to the center tap of a resistor divider to program the
output voltage.
EN
4
I
Enable pin. When the voltage of this pin falls below the enable threshold for more than 10 ms, the IC turns
off.
COMP
8
O
Output of the internal transconductance error amplifier. An external RC network is connected to this pin to
compensate the regulator.
SS
5
O
Soft start programming pin. A capacitor between the SS pin and GND pin programs soft start timing. See
application section for information on how to size the SS capacitor.
FREQ
10
O
Switch frequency program pin. An external resistor is connected to this pin to set switch frequency. See
application section for information on how to size the FREQ resistor.
AGND
7
I
Signal ground of the IC
PGND
12,13,14
I
Power ground of the IC. It is connected to the source of the PWM switch.
SYNC
6
I
Switch frequency synchronous pin. Customers can use an external signal to set the IC switch frequency
between 200-kHz and 2.2-MHz. If not used, this pin should be tied to AGND as short as possbile to avoid
noise coupling.
NC
11
I
Reserved pin. Must connect this pin to ground.
Thermal Pad
The thermal pad should be soldered to the analog ground. If possible, use thermal via to connect to top and
internal ground plane layers for ideal power dissipation.


Similar Part No. - TPS61175QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com