Electronic Components Datasheet Search |
|
E2-16DO24-D Datasheet(PDF) 3 Page - Red Lion Controls. Inc |
|
E2-16DO24-D Datasheet(HTML) 3 Page - Red Lion Controls. Inc |
3 / 4 page EtherTRAK®-2 Ethernet I/O Module Specifications SPECIFICATIONS General I/O Performance • Power supply voltage: 10-30 VDC • Input current requirement: 100 mA @ 24 VDC typical with no loads • PoE power (EB modules only): 10 watts at 60°C for user loads • De-rate: up to 5 watts at 75°C • I/O: 512 discrete inputs and outputs plus 256 analog input and output registers • Unique station addresses: 16,000+ (Sixnet or 247 Modbus) Ethernet Performance • Ethernet ports: 10/100BaseTx (auto-detecting) • Connection: RJ45 (auto-crossover) • Isolation: 1500 volts RMS 1 minute (60 Hz.) • Message response time: <1 mS per message • Diagnostic LEDs: solid indicates link, blinking indicates activity • Protocol support: TCP/IP, ARP, UDP, ICMP, DHCP, HTTP, Modbus UDP/TCP slave mode, Modbus UDP master mode, Sixnet UDR UDP/ TCP slave mode, Sixnet UDR UDP master mode • Real-Time Ring: 5ms per hop recovery time • Independent networks: 1 or 2 with unique MAC and IP addres Serial Ports • RS-485 port: screw terminals (485+, 485-, GND; 2-wire half- duplex, not isolated) • RS-485 networking: up to 32 (full load) stations • RS-485 distance: up to 0.5 miles (baud-rate dependent) • Baud rates: from 300 to 57,600 baud • Protocols: master and slave; Sixnet and Modbus RTU/ASCII • Diagnostic LEDs: transmit (TD) and receive (RD) Analog Output Channels • Analog output range: 4-20 mA • D/A resolution: 16 bits (less than 1 uA) • Full scale accuracy: +/-0.02% (at 20°C) • Span and offset temperature: +/- 50 ppm per °C • Load resistance (@ 24 V): 0-750 Ohms • Current limiting short circuit protection • Refer to user manual for additional specifications Analog Input Channels • Input range: 4-20mA, 0-10VDC, RTD, thermocouple and 250mV • A/D resolution: 16 bits (0.003%); 10 bits (1mS fast option) • Input impedance (resistance): 100 ohms or 200 Kohms • Fuses: self-resetting short circuit protection (4-20 mA inputs) • DMRR (differential mode): 66 db at 50/60 Hz • Update time: from 880 mS to 1 mS (depending configuration) • Temperature accuracy: typical uncalibrated +/-0.5°C • RTD type: 100 Ohm platinum • RTD alpha: 0.00385 or 0.00392 • RTD connections: 2 or 3-wire • RTD input range: -200 to 850°C • Refer to user manual for additional specifications Discrete Input Channels • Voltage range: 10–30 VDC or 60–140 VAC • Input isolation: 150 volts (16 channel modules only) • Input resistance: 10 Kohms • Slow response (software configurable): 25 mS (20 Hz. maximum counting rate) • Fastest response (software configurable): 1 mS (400 Hz. maximum counting rate) • Special fast counting rate: up to 50 KHz on channels 1 and 2 • Count up: pulse timing and pulse rate 16 or 32-bit reporting • Refer to user manual for additional specifications Discrete Output Channels • Output voltage range: 10-30 VDC or 10-30VDC/AC • Maximum output power: up to 1A per channel • Short circuit protection: self-reset fuses (trip above 1.5 Amp) • Input isolation: 150 volts (16 channel modules only) • All channels scan rate: 1 mS • Refer to user manual for additional specifications Web Interface • Secure web access with password protection for multiple users • 1 simultaneous user • 750K memory for user pages (more with special order) Environmental • Operating temperature: -40 to 75°C (-40 to 85°C storage) • Humidity: 5 to 95% RH (non-condensing; optional conformal coating) • Flammability: UL 94V-0 materials • Vibration: IEC60068-2-6 • Shock: IEC60068-2-27 Standards Compliance • Electrical safety : UL 508, CSA C22.2/142; EN61010-1; CE • EMI emissions: FCC part 15, ICES-003, Class A; EN55022; IEC6100-6-4; CE • EMC immunity : IEC61000-6-2 (EN61000-4-2,3,4, 5, 6, 8); CE • Hazardous locations: Class 1, Div 2, Groups A, B, C, D; ISA12.12.01; CSA C22.2/213; ATEX (Zone 2) IEC60079-0,-15 • Marine and offshore: tested and/or verified to meet various standards such as ABS, DNV No. 2.4, and Lloyds Physical • Mounting: DIN rail (EN50022), direct to panel or flat panel • Packaging: impact resistant Lexan® polycarbonate • Dimensions (module and base): 5.5”L x 3.5”W x 5.1”H (14cm x 8.9cm x 13cm) Warranty • 2 years on design and manufacturing defects All specifications are subject to change. Contact Sixnet to learn more. |
Similar Part No. - E2-16DO24-D |
|
Similar Description - E2-16DO24-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |