Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7008L55JB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7008L55JB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008L55JB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7008L55JB Datasheet HTML 7Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 8Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 9Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 10Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 11Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 12Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 13Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 14Page - Integrated Device Technology IDT7008L55JB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
6.42
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
11
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
NOTES:
1. DOR = DOL = VIL,
CEL = CER = VIH (Refer to Chip Enable Truth Table).
2. All timing is the same for left and right ports. Port "A" may be either left or right port. "B" is the opposite from port "A".
3. This parameter is measured from R/
W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH.
4. If tSPS is not satisfied, the semaphore will fall positively to one side or the other, but there is no guarantee which side will obtain the flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
NOTES:
1.
CE = VIH for the duration of the above timing (both write and read cycle) (Refer to Chip Enable Truth Table).
2. "DATAOUT VALID" represents all I/O's (I/O0 - I/O15) equal to the semaphore value.
SEM
3198 drw 11
tAW
tEW
tSOP
DATA0
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN VALID
DATAOUT
VALID(2)
tDW
tWP
tDH
tAS
tSWRD
tAOE
tSOP
Read Cycle
Write Cycle
A0-A2
OE
SEM"A"
3198 drw 12
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
A0"B"-A2"B"
SIDE
"B"
(2)


Similar Part No. - IDT7008L55JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008L IDT-IDT7008L Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008L55JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com