Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM34812AA-N Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM34812AA-N
Description  Dual N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM34812AA-N Datasheet(HTML) 1 Page - ELM Electronics

  ELM34812AA-N Datasheet HTML 1Page - ELM Electronics ELM34812AA-N Datasheet HTML 2Page - ELM Electronics ELM34812AA-N Datasheet HTML 3Page - ELM Electronics ELM34812AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
ELM34812AA-N
4 -
■General description
■Features
■Maximum absolute ratings
■Thermal characteristics
Parameter
Symbol
Typ.
Max.
Unit
Note
Maximum junction-to-ambient
Steady-state
Rθja
62.5
°C/W
Parameter
Symbol
Limit
Unit
Note
Drain-source voltage
Vds
20
V
Gate-source voltage
Vgs
±12
V
Continuous drain current
Ta=25°C
Id
7
A
Ta=70°C
6
Pulsed drain current
Idm
38
A
3
Power dissipation
Tc=25°C
Pd
2.0
W
Tc=70°C
1.3
Junction and storage temperature range
Tj, Tstg
-55 to 150
°C
ELM34812AA-N uses advanced trench technology to
provide excellent Rds(on), low gate charge and low gate
resistance.
• Vds=20V
• Id=7A
• Rds(on) < 21mΩ (Vgs=4.5V)
• Rds(on) < 35mΩ (Vgs=2.5V)
Dual N-channel MOSFET
S1
D1
S2
D2
G2
G1
■Pin configuration
■Circuit
Pin No.
Pin name
1
SOURCE1
2
GATE1
3
SOURCE2
4
GATE2
5
DRAIN2
6
DRAIN2
7
DRAIN1
8
DRAIN1
SOP-8(TOP VIEW)
Ta=25°C. Unless otherwise noted.
4
3
2
1
5
6
7
8


Similar Part No. - ELM34812AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34812AA-N ELM-TECH-ELM34812AA-N Datasheet
438Kb / 4P
   Dual N-channel MOSFET
More results

Similar Description - ELM34812AA-N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com