Electronic Components Datasheet Search |
|
EB-16ISOTC-D Datasheet(PDF) 2 Page - Red Lion Controls. Inc |
|
EB-16ISOTC-D Datasheet(HTML) 2 Page - Red Lion Controls. Inc |
2 / 4 page EtherTRAK®-2 Ethernet I/O Module Specifications FLEXIBLE. RELIABLE. POWERFUL. FEATURES & BENEFITS High-Performance, Flexible I/O • Provides high-speed functionality • Lowers overall cost per I/O point – Flexible mix of up to 34 I/O supports DI, DO, AI, AO, temperature (RTD and thermocouples) – High resolution 16-bit analog or high-speed 10-bit analog – Fast I/O polling of up to 1mS – Advanced counter functions with 32-bit reporting – Time proportioned outputs simplify high- speed pulse rate functions Built-In Security • Prevents unwanted intrusion • Guards against unauthorized users – User-assigned permissions – Firewall protection Flexible, Redundant Networking • SimplifiesconnectivitybyreplacingEthernet switches • Ensuresreliabilitywithoutadditionalcost – Real-Time Ring switch mode for fast redundancy – Switch elimination mode enables daisy- chaining – Dual independent Ethernet ports – Ethernet, RS-485 and USB connections – Optional Power over Ethernet (PoE) – Embedded data concentrator Configuration Maintenance & Monitoring • Deliverscross-platformconfiguration • Offers easy-to-use software tools – Configuration and monitoring via standard web browser – On-board storage for project documentation – Project-based software tools – User-based history tracks changes – Per-channel calibration – Configuration archiving – Module hot-swap capabilities Rugged, Compact Design • Supports harsh environments • Deliversprovenreliability – Industrial -40 to 75°C operating range – UL/CSA (CUL), FCC and CE rated – Hazardous locations rated for Class I, Div 2 (Zone 2) areas – Vibration resistant IEC60068-2-6 – Self-resetting fuses protect I/O Watchdog Monitoring & Reporting • Provides health reports of various module functions • Reduces maintenance downtime – CPU health – Dual-power status – Communication activity – PoE status – Port link status EtherTRAK-2 Ethernet I/O Module Industrial Automation INDUSTRIAL AUTOMATION Sixnet’s rugged RTUs and I/O provide a simple yet powerful means to reliably monitor and control remote sites around the clock in the harshest environments. Our compact automation systems can start small and grow as needs increase without requiring hardware replacement. Virtually unlimited scalability means organizations have fewer restrictions on the number of remote sites or devices that are supported. “Best of both worlds” programming combines Windows ease of use with the future-proof security of an embedded Linux OS. Real-Time Ring Switch Mode Create redundant Ethernet reliability without additional cost Switch Elimination Mode Daisy-chain modules without external switches to save money and simplify connectivity NETWORKING OPTIONS Two Networks Mode Each Ethernet port has a unique MAC and IP address for connection to two independent physical networks LAN A LAN B Break in Cable Active Data Path Backup Data Path FLEXIBLE. RELIABLE. POWERFUL. FEATURES & BENEFITS High-Performance, Flexible I/O • Provides high-speed functionality • Lowers overall cost per I/O point – Flexible mix of up to 34 I/O supports DI, DO, AI, AO, temperature (RTD and thermocouples) – High resolution 16-bit analog or high-speed 10-bit analog – Fast I/O polling of up to 1mS – Advanced counter functions with 32-bit reporting – Time proportioned outputs simplify high- speed pulse rate functions Built-In Security • Prevents unwanted intrusion • Guards against unauthorized users – User-assigned permissions – Firewall protection Flexible, Redundant Networking • SimplifiesconnectivitybyreplacingEthernet switches • Ensuresreliabilitywithoutadditionalcost – Real-Time Ring switch mode for fast redundancy – Switch elimination mode enables daisy- chaining – Dual independent Ethernet ports – Ethernet, RS-485 and USB connections – Optional Power over Ethernet (PoE) – Embedded data concentrator Configuration Maintenance & Monitoring • Deliverscross-platformconfiguration • Offers easy-to-use software tools – Configuration and monitoring via standard web browser – On-board storage for project documentation – Project-based software tools – User-based history tracks changes – Per-channel calibration – Configuration archiving – Module hot-swap capabilities Rugged, Compact Design • Supports harsh environments • Deliversprovenreliability – Industrial -40 to 75°C operating range – UL/CSA (CUL), FCC and CE rated – Hazardous locations rated for Class I, Div 2 (Zone 2) areas – Vibration resistant IEC60068-2-6 – Self-resetting fuses protect I/O Watchdog Monitoring & Reporting • Provides health reports of various module functions • Reduces maintenance downtime – CPU health – Dual-power status – Communication activity – PoE status – Port link status EtherTRAK-2 Ethernet I/O Module Industrial Automation INDUSTRIAL AUTOMATION Sixnet’s rugged RTUs and I/O provide a simple yet powerful means to reliably monitor and control remote sites around the clock in the harshest environments. Our compact automation systems can start small and grow as needs increase without requiring hardware replacement. Virtually unlimited scalability means organizations have fewer restrictions on the number of remote sites or devices that are supported. “Best of both worlds” programming combines Windows ease of use with the future-proof security of an embedded Linux OS. Real-Time Ring Switch Mode Create redundant Ethernet reliability without additional cost Switch Elimination Mode Daisy-chain modules without external switches to save money and simplify connectivity NETWORKING OPTIONS Two Networks Mode Each Ethernet port has a unique MAC and IP address for connection to two independent physical networks LAN A LAN B Break in Cable Active Data Path Backup Data Path |
Similar Part No. - EB-16ISOTC-D |
|
Similar Description - EB-16ISOTC-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |