Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61230ARNST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61230ARNST
Description  TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230ARNST Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61230ARNST Datasheet HTML 4Page - Texas Instruments TPS61230ARNST Datasheet HTML 5Page - Texas Instruments TPS61230ARNST Datasheet HTML 6Page - Texas Instruments TPS61230ARNST Datasheet HTML 7Page - Texas Instruments TPS61230ARNST Datasheet HTML 8Page - Texas Instruments TPS61230ARNST Datasheet HTML 9Page - Texas Instruments TPS61230ARNST Datasheet HTML 10Page - Texas Instruments TPS61230ARNST Datasheet HTML 11Page - Texas Instruments TPS61230ARNST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Thermal
Shutdown
UVLO
Gate Driver
Pulse Modulator
Soft Start
Control
OVP & Short
Protection
3
5
4
Logic
2
VOUT
VOUT
VIN
SW
EN
FB
VOUT
VIN
6
GND
REF
Current Sense
1
CBST
OFF
ON
CIN
VIN
L
COUT
7
R1
R2
VOUT
Copyright © 2016, Texas Instruments Incorporated
8
TPS61230A
SLVSCZ5A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS61230A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61230A is a high efficiency synchronous boost converter with integrating the 21-m
Ω low side FET and
18-m
Ω high side FET. The device could deliver up to 12-W output power with 5.5-V maximum output voltage
from single cell Li-Iron battery. TPS61230A uses a quasi constant on-time valley current mode which provides an
excellent transient response. The TPS61230xA typically operates at a quasi-constant 1.15-MHz frequency pulse
width modulation (PWM) at the moderate to heavy load currents, allows the use of small inductor and capacitors
to achieve a compact solution size.
During the PWM operation, a simple circuit predicts the required on time (with the VIN / VOUT ratio) of the ow-
side FET. At the beginning of each switching cycle, the low-side FET turns on and the inductor current ramps up
to the peak current determined by the on-time and the inductance. Once the on-timer expires, the high-side FET
turns on and the inductor current decays to a preset valley current threshold determined by the Error Amplifier’s
output. The switching cycle repeats again by calculating the on time and activating the low-side FET.
At the light load currents, TPS61230A operates in Power Save Mode with pulse frequency modulation (PFM) and
improves the efficiency under the light load.
Internal soft-start and loop compensation simplifies the design process and minimizes the number of external
components.
8.2 Functional Block Diagram


Similar Part No. - TPS61230ARNST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCR TI1-TPS61230DRCR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCT TI1-TPS61230DRCT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Similar Description - TPS61230ARNST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61089 TI1-TPS61089 Datasheet
1Mb / 29P
[Old version datasheet]   TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
logo
ILSI America LLC
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com