Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61230ARNST Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61230ARNST
Description  TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230ARNST Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61230ARNST Datasheet HTML 7Page - Texas Instruments TPS61230ARNST Datasheet HTML 8Page - Texas Instruments TPS61230ARNST Datasheet HTML 9Page - Texas Instruments TPS61230ARNST Datasheet HTML 10Page - Texas Instruments TPS61230ARNST Datasheet HTML 11Page - Texas Instruments TPS61230ARNST Datasheet HTML 12Page - Texas Instruments TPS61230ARNST Datasheet HTML 13Page - Texas Instruments TPS61230ARNST Datasheet HTML 14Page - Texas Instruments TPS61230ARNST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VOUT
VOUT_NORM
¨9=1.012 x VOUT_NORM
t
PFM at light load
PWM at medium to
heavy load
11
TPS61230A
www.ti.com
SLVSCZ5A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS61230A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 Device Functional Modes
The TPS61230A has two operation modes, as shown in Table 2.
Table 2. Operation Mode Description
MODE
DESCRIPTION
CONDITION
PWM
Boost in normal switching operation
Heavy load
PFM
Boost in power save operation
Light load
8.4.1 PWM Mode
The TPS61230A typically operates at a quasi-constant 1.15 MHz frequency pulse width modulation (PWM) at
moderate to heavy load currents.
8.4.2 PFM Mode
The device integrates a power save mode with the pulse frequency modulation (PFM) to improve the efficiency at
the light load. In the PFM mode, the device starts to switch when the output voltage trips below a set threshold
voltage. When the output voltage ramping over the PFM threshold, the device stops switching. The DC output
voltage in PFM mode rises above the nominal output voltage in PWM mode by 1.2%.
Figure 14. Output Voltage in PFM / PWM Mode


Similar Part No. - TPS61230ARNST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCR TI1-TPS61230DRCR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCT TI1-TPS61230DRCT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Similar Description - TPS61230ARNST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61089 TI1-TPS61089 Datasheet
1Mb / 29P
[Old version datasheet]   TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
logo
ILSI America LLC
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com