Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61232DRCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61232DRCT
Description  TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61232DRCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61232DRCT Datasheet HTML 1Page - Texas Instruments TPS61232DRCT Datasheet HTML 2Page - Texas Instruments TPS61232DRCT Datasheet HTML 3Page - Texas Instruments TPS61232DRCT Datasheet HTML 4Page - Texas Instruments TPS61232DRCT Datasheet HTML 5Page - Texas Instruments TPS61232DRCT Datasheet HTML 6Page - Texas Instruments TPS61232DRCT Datasheet HTML 7Page - Texas Instruments TPS61232DRCT Datasheet HTML 8Page - Texas Instruments TPS61232DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
60
70
80
90
100
0.001
0.010
0.100
1.000
Iout (A)
Vin = 3.0 V
Vin = 3.6 V
Vin = 4.2 V
C008
Vout = 5.0 V
TPS61230
V
IN
VOUT
FB
VIN
GND
EN
SW
PG
C2
3x22µF
V
OUT
L1
1.0µH
C1
22µF
HYS
SS
C3
10nF
R1
402k
R2
100k
R3
1.0Meg
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61230, TPS61231, TPS61232
SLVSAQ2C – JANUARY 2014 – REVISED OCTOBER 2014
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
1 Features
3 Description
The TPS6123x device family is a high efficiency
1
Input Voltage Range: 2.3 V to 5.5 V
synchronous step up converter with compact solution
Output Voltage Range: 2.5 V to 5.5 V
size. It is optimized for products powered by a one-
Up to 96% Efficiency Synchronous Boost
cell Li-Ion battery, or a regulated power rail of 3.3 V.
Converter
The IC integrates a 5-A switch and is capable of
delivering output currents up to 2.1 A at a 5-V output
3.3-V to 5-V Power Conversion with 2.1-A Output
with a 3.3-V input supply. The device is based on a
Current
quasi-constant on-time valley current mode control
Input Supply Voltage Supervisor with Adjustable
scheme. The typical operating frequency is 2 MHz,
Threshold/Hysteresis
which
allows
the
use
of
small
inductors
and
Power Save Mode for Light Load Efficiency
capacitors to achieve a small solution size. The
TPS61230 and TPS61231 provide an adjustable
Load Disconnect During Shutdown
output voltage via an external resistor divider, and the
Output Over Voltage Protection
TPS61232 provides a fixed output voltage of 5 V.
Programmable Soft Start
During light loads, the TPS6123x automatically enters
Power Good Output
power save mode for maximum efficiency at lowest
2-MHz Switching Frequency
quiescent
currents.
In
shutdown,
the
load
is
completely disconnected from the input, and the input
Output Capacitor Discharge (TPS61231)
current consumption is reduced to 1.5 µA typical. The
3 mm x 3 mm x 0.9 mm VSON Package
device
integrates
a
precise
low
power
EN
comparator. The EN threshold as well as the
2 Applications
hysteresis of the enable comparator are adjustable
with
external
resistors
and
support
application
Low Voltage Li-Ion Battery Powered Products
specific system power up and down requirements.
USB Power Supply
Other features like output over voltage protection,
Tablet PCs
thermal shutdown protection, and a power good
output are built-in.
Power Banks, Battery Backup Units
Industrial Metering Equipments
The devices are available in a 3 mm x 3 mm x 0.9
mm VSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61230
TPS61231(2)
VSON (10)
3.00 mm x 3.00 mm
TPS61232
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) Preview product. Contact TI factory for more information
TPS61230 Typical Application
TPS61230 Typical Application Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPS61232DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230A TI1-TPS61230A Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230ARNSR TI1-TPS61230ARNSR Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230ARNST TI1-TPS61230ARNST Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61235 TI1-TPS61235 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Similar Description - TPS61232DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
logo
E-CMOS Corporation
EC3689 E-CMOS-EC3689 Datasheet
515Kb / 8P
   800KHz Synchronous Step-up Converter with 5.5A Switches
logo
Texas Instruments
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3121EDE LINER-LTC3121EDE Datasheet
222Kb / 6P
   High Efficiency 15V 1.5A Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com