Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61260 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61260
Description  TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61260 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61260_16 Datasheet HTML 5Page - Texas Instruments TPS61260_16 Datasheet HTML 6Page - Texas Instruments TPS61260_16 Datasheet HTML 7Page - Texas Instruments TPS61260_16 Datasheet HTML 8Page - Texas Instruments TPS61260_16 Datasheet HTML 9Page - Texas Instruments TPS61260_16 Datasheet HTML 10Page - Texas Instruments TPS61260_16 Datasheet HTML 11Page - Texas Instruments TPS61260_16 Datasheet HTML 12Page - Texas Instruments TPS61260_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
+
-
V
FB
GND
FB
VOUT
L
VIN
EN
Current
Sensor
Gate
Control
Modulator
Device
Control
VIN
VOUT
RI
VOUT
TPS61260, TPS61261
www.ti.com
SLVSA99B – MAY 2011 – REVISED NOVEMBER 2014
8 Detailed Description
8.1 Overview
The TPS6126x is based on a quasi-fixed frequency, pulse-width-modulation (PWM) controller using synchronous
rectification to obtain maximum efficiency. At low load currents, the converter enters Power Save Mode to ensure
high efficiency over a wide load current range. The TPS6126x is based on a current mode topology. The inductor
current is regulated by a fast current regulator loop which is controlled by either a voltage control loop or a
reference current. The controller also uses input and output voltage feedforward. Changes of the input and
output voltages are monitored and immediately change the duty cycle in the modulator to achieve a fast
response to those errors. In addition, the average output current can be programmed as well. An external resistor
is used to program the average output current.
8.2 Functional Block Diagrams
Figure 15. TPS61260
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61260 TPS61261


Similar Part No. - TPS61260_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
More results

Similar Description - TPS61260_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com