Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61252DSGT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61252DSGT
Description  TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61252DSGT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61252DSGT Datasheet HTML 1Page - Texas Instruments TPS61252DSGT Datasheet HTML 2Page - Texas Instruments TPS61252DSGT Datasheet HTML 3Page - Texas Instruments TPS61252DSGT Datasheet HTML 4Page - Texas Instruments TPS61252DSGT Datasheet HTML 5Page - Texas Instruments TPS61252DSGT Datasheet HTML 6Page - Texas Instruments TPS61252DSGT Datasheet HTML 7Page - Texas Instruments TPS61252DSGT Datasheet HTML 8Page - Texas Instruments TPS61252DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
R4
1 M
C1
10 µF
C
22 µF
OUT
SW
VIN
EN
ILIM
GND
VOUT
FB
PG
R
20 k
ILIM
C
100 pF
FF
V
IN
R2
243 k
L1
1 H
R1
768 k
V
OUT
TPS61252
Power Good
Output
2.3 V to 6.0 V
5.0 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61252
SLVSAG3A – SEPTEMBER 2010 – REVISED DECEMBER 2014
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
1 Features
3 Description
The TPS61252 device provides a power supply
1
Resistor Programmable Input Current Limit
solution for products powered by either a three-cell
±20% Current Accuracy at 500 mA over Full
alkaline, NiCd or NiMH battery, or an one-cell Li-Ion
Temperature Range
or Li-polymer battery. The wide input voltage range is
Programmable from 100 mA up to 1500 mA
ideal to power portable applications like mobile
phones or computer peripherals. The device has a
Up to 92% Efficiency
resistor programmable (RILIM) input current limit and
VIN Range from 2.3 V to 6.0 V
is suitable for a wide variety of applications.
Power Good Indicates Appropriate Output Voltage
During light loads, the device automatically enters
Level
skip mode (PFM), which allows the converter to
Adjustable Output Voltage up to 6.5 V
maintain the required output voltage, while only
100% Duty-Cycle Mode When VIN > VOUT
drawing 30
μA quiescent current from the battery.
This allows maximum efficiency at lowest quiescent
Load Disconnect and Reverse Current Protection
currents.
Short Circuit Protection
TPS61252 allows the use of small inductors and
Typical Operating Frequency 3.25 MHz
capacitors to achieve a small solution size. The
Available in a 2-mm × 2-mm WSON-8 Package
possibility to reduce the current limit by a external
resistor offers the potential use of physically even
2 Applications
smaller inductors with lower rated currents to further
reduce total solution sizes of the power supply.
USB Host Supplies from a Single Li-Ion Battery
During shutdown, the load is completely disconnected
Current Limited Applications
from the battery. The TPS61252 is available in a 8-
Li-Ion Applications
pin WSON package measuring 2 mm × 2 mm (DSG).
Audio Applications
Device Information(1)
RF-PA Buffer
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61252
WSON (8)
2.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61252DSGT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
More results

Similar Description - TPS61252DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com