Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61291DRVR
Description  TPS61291 Low Iq Boost Converter with Bypass Operation
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61291DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61291DRVR Datasheet HTML 1Page - Texas Instruments TPS61291DRVR Datasheet HTML 2Page - Texas Instruments TPS61291DRVR Datasheet HTML 3Page - Texas Instruments TPS61291DRVR Datasheet HTML 4Page - Texas Instruments TPS61291DRVR Datasheet HTML 5Page - Texas Instruments TPS61291DRVR Datasheet HTML 6Page - Texas Instruments TPS61291DRVR Datasheet HTML 7Page - Texas Instruments TPS61291DRVR Datasheet HTML 8Page - Texas Instruments TPS61291DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS61291
SLVSBX9A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin Voltage Range (2)
VIN
-0.3
5.5
SW
-0.3
7
V
EN/BYP, VOUT
-0.3
5.5
VSEL
-0.3
VOUT +
0.3V
Output Current
In Bypass Operation (EN/BYP = GND)
250
mA
TJ
Maximum Junction Temperature
-40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal GND.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM) per ANSI/ESDA/JEDEC
-2
2
JS-001, all pins(1)
V(ESD)
Electrostatic discharge
kV
Charged device model (CDM), per JEDEC
-0.5
0.5
specification JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply voltage for startup
1.5
Supply voltage range (once device has started)
0.9
5
V
Supply voltage range for step up conversion (once device has started)
0.9
VOUT
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
–40
125
6.4 Thermal Information
TPS61291
THERMAL METRIC(1)
DRV (2x2 SON)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
71.2
RθJCtop
Junction-to-case (top) thermal resistance
93.5
RθJB
Junction-to-board thermal resistance
46.7
°C/W
ψJT
Junction-to-top characterization parameter
2.5
ψJB
Junction-to-board characterization parameter
41.1
RθJCbot
Junction-to-case (bottom) thermal resistance
11.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61291


Similar Part No. - TPS61291DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291EVM-569 TI-TPS61291EVM-569 Datasheet
368Kb / 11P
[Old version datasheet]   TPS61291EVM-569 Evaluation Module
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
More results

Similar Description - TPS61291DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
   Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
   Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com