Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61300 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61300
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61300 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61300_16 Datasheet HTML 1Page - Texas Instruments TPS61300_16 Datasheet HTML 2Page - Texas Instruments TPS61300_16 Datasheet HTML 3Page - Texas Instruments TPS61300_16 Datasheet HTML 4Page - Texas Instruments TPS61300_16 Datasheet HTML 5Page - Texas Instruments TPS61300_16 Datasheet HTML 6Page - Texas Instruments TPS61300_16 Datasheet HTML 7Page - Texas Instruments TPS61300_16 Datasheet HTML 8Page - Texas Instruments TPS61300_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
VOUT
AVIN
SW
C
I
SW
LED1
C
O
10 mF
PGND
PGND
AGND
L
2.2 H
m
SDA
SCL
TPS61300
LED2
LED3
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx- MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
I2C I/F
HC_SEL
BAL
FLASH READY
PHONE POWER ON
1.8 V
D1
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible
Interface
1
1 Features
1
Four Operational Modes
DC Light and Flashlight
Voltage Regulated Converter: 3.8 V to 5.7 V
Standby: 2
μA (Typical)
Storage Capacitor Friendly Solution
Automatic VF and ESR Calibration
Power-Save Mode for Improved Efficiency at Low
Output Power, Up to 95% Efficiency
Output Voltage Remains Regulated When Input
Voltage Exceeds Nominal Output Voltage
I2C Compatible Interface up to 3.4 Mbits/s
Zero Latency Tx-Masking Input
Hardware Voltage Mode Selection Input
(TPS61300, TPS61301)
DC Light Mode Selection Input
(TPS61300, TPS61306)
Hardware Reset Input (TPS61301, TPS61305)
LED Temperature Monitoring (TPS61305)
Privacy Indicator LED Output
Integrated LED Safety Timer
Total Solution Size of Less Than 25 mm2 (< 1 mm
height)
Available in a 20-Pin NanoFree™ (DSBGA)
2 Applications
Single, Dual, or Triple White LED Flashlight
Supply for Cell Phones and Smart-Phones
LED Based Xenon Killer Flashlight
Audio Amplifier Power Supply
3 Description
The TPS6130xx device is based on a high-frequency
synchronous boost topology with constant current
sinks to drive up to three white LEDs in parallel
(400
‑mA, 800-mA, and 400-mA maximum flash
current). The extended high-current mode (HC_SEL)
allows up to 1025-mA, 2050-mA, and 1025-mA flash
current out of the storage capacitor.
The high-capacity storage capacitor on the output of
the boost regulator provides the high-peak flash LED
current, thereby reducing the peak current demand
from the battery to a minimum.
The 2-MHz switching frequency allows the use of
small and low profile 2.2-
μH inductors. To optimize
overall efficiency, the device operates with a 400-mV
LED feedback voltage.
The TPS6130xx device not only operates as a
regulated current source, but also as a standard
voltage boost regulator. The device keeps the output
voltage regulated even when the input voltage
exceeds the nominal output voltage. The device
enters power-save mode operation at light load
currents to maintain high efficiency over the entire
load current range.
To simplify flashlight synchronization with the camera
module,
the
device
offers
a
trigger
pin
(FLASH_SYNC) for zero latency LED turnon time.
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6130xx
DSBGA (20)
1.90 mm × 2.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Simplified Schematic


Similar Part No. - TPS61300_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61300_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com