Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291DRVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61291DRVT
Description  TPS61291 Low Iq Boost Converter with Bypass Operation
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61291DRVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61291DRVT Datasheet HTML 7Page - Texas Instruments TPS61291DRVT Datasheet HTML 8Page - Texas Instruments TPS61291DRVT Datasheet HTML 9Page - Texas Instruments TPS61291DRVT Datasheet HTML 10Page - Texas Instruments TPS61291DRVT Datasheet HTML 11Page - Texas Instruments TPS61291DRVT Datasheet HTML 12Page - Texas Instruments TPS61291DRVT Datasheet HTML 13Page - Texas Instruments TPS61291DRVT Datasheet HTML 14Page - Texas Instruments TPS61291DRVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OUT
OUT
L max
IN
L max
V
I
I
: =
150 mA continuous current operation
0.8 V
I
: = 300 mA
discontinuous current operation
´
+
´
TPS61291
www.ti.com
SLVSBX9A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
Typical Application (continued)
Table 1. Components for Application Characteristic Curves(1)
Reference
Description
Value
Manufacturer
Low Iq Boost Converter with
TPS61291
Texas Instruments
Bypass Operation
CIN
Input capacitor
10µF
Murata
GRM219R61A106KE44D
COUT
Output capacitor
22µF
Murata
GRM21BR60J226ME39L
L
Inductor
3.3µH
Coilcraft
LPS3314 3R3
(1)
See the Third-Party Products Disclaimer in the Device Support section.
8.2.2 Detailed Design Procedure
The external components have to fulfill the needs of the application but also the stability criteria of the device's
control loop. The TPS61291 is optimized to work within a range of L and C combinations. The LC output filter
inductance and capacitance must be considered together. The output capacitor sets the corner frequency of the
converter while the inductor creates a Right-Half-Plane-Zero degrading the stability of the converter.
Consequently with a larger inductor a bigger capacitor has to be used to guarantee a stable loop. Table 2 shows
the output filter component selection.
Table 2. Recommended LC Output Filter Combinations
Output capacitor value [µF](2)
Output voltage
Inductor value [µH](1)
[V]
22
22 + 10
2 x 22
3.3
(3)
3.3 / 3.0
4.7
2.2
2.5
3.3
(3)
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by 20% and -30%.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by 20% and -50%.
(3)
This LC combination is the standard value and recommended for most applications.
8.2.2.1 Inductor Selection
The device is optimized to operate with a 3.3µH inductor value. Other inductor values can be used, per Table 2.
The maximum inductor current can be approximated by the ILMAX, from Equation 1. For proper operation, the
inductor needs to be rated for a saturation current which is higher than the switch current limit of typically 1A.
Table 3 lists inductors that have been tested with the TPS61291.
(1)
Table 3. List of Inductors(1)
INDUCTANCE
DIMENSIONS [mm3]
TYPE
SUPPLIER
3.3
3.3 x 3.3 x 1.3
LPS3314
Coilcraft
3.3
2.95 x 2.95 x 1.4
LPS3015
3.3
3 x 2.5 x 1.5
VLF302515
TDK
3.3
2 x 2 x 1.2
MDMK2020T3R3M
Taiyo Yuden
3.3
2.5 x 2.0 x 1.2
DFE252012
Toko
3.3
3.0 x 3.0 x 1.5
74438335033
Würth
(1)
See the Third-Party Products Disclaimer in the Device Support section.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61291


Similar Part No. - TPS61291DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291EVM-569 TI-TPS61291EVM-569 Datasheet
368Kb / 11P
[Old version datasheet]   TPS61291EVM-569 Evaluation Module
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
More results

Similar Description - TPS61291DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
   Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
   Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com