Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62000 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62000
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62000_16 Datasheet HTML 5Page - Texas Instruments TPS62000_16 Datasheet HTML 6Page - Texas Instruments TPS62000_16 Datasheet HTML 7Page - Texas Instruments TPS62000_16 Datasheet HTML 8Page - Texas Instruments TPS62000_16 Datasheet HTML 9Page - Texas Instruments TPS62000_16 Datasheet HTML 10Page - Texas Instruments TPS62000_16 Datasheet HTML 11Page - Texas Instruments TPS62000_16 Datasheet HTML 12Page - Texas Instruments TPS62000_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
PFM/PWM
Control Logic
Current Limit
Logic
_
+
Compensation
Soft
Start
Slope Compensation
PFM/PWM
Mode Select
PFM/PWM
Comparator
Error Amplifier
_
+
Current
Sense
Driver
Shoot-Through
Logic
_
+
Undervoltage
Lockout
Bias Supply
10
_
+
Vref = 0.45 V
R2
R1
R1 + R2
≈ 1 MΩ
Power Good
Sync
+
Oscillator
_
+
Load Comparator
Current Sense
+
Offset
Antiringing
FB
N-Channel
Power MOSFET
P-Channel
Power MOSFET
L
PGND
EN
FB
PG
FC (See Note B)
VIN
GND
SYNC
ILIM
EN
(See
Note A)
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
www.ti.com
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
8.2 Functional Block Diagram
A.
The adjustable output voltage version does not use the internal feedback resistor divider. The FB pin is directly
connected to the error amplifier.
B.
Do not connect the FC pin to an external power source
8.3 Feature Description
8.3.1 Low Noise Antiringing Switch
An antiringing switch is implemented in order to reduce the EMI radiated from the converter during discontinuous
conduction mode (DCM). In DCM, the inductor current ramps to zero before the end of each switching period.
The internal load comparator turns off the low side switch at that instant thus preventing the current flowing
backward through the inductance which increases the efficiency. An antiringing switch across the inductor
prevents parasitic oscillation caused by the residual energy stored in the inductance (see Figure 11).
NOTE
The antiringing switch is only activated in the fixed output voltage versions. It is not
enabled for the adjustable output voltage version TPS62000.
8.3.2 Enable
Logic low on EN forces the TPS6200x into shutdown. In shutdown, the power switch, drivers, voltage reference,
oscillator, and all other functions are turned off. The supply current is reduced to less than 1
μA in the shutdown
mode.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Similar Part No. - TPS62000_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
More results

Similar Description - TPS62000_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com