Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61301YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301YFFR
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61301YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61301YFFR Datasheet HTML 4Page - Texas Instruments TPS61301YFFR Datasheet HTML 5Page - Texas Instruments TPS61301YFFR Datasheet HTML 6Page - Texas Instruments TPS61301YFFR Datasheet HTML 7Page - Texas Instruments TPS61301YFFR Datasheet HTML 8Page - Texas Instruments TPS61301YFFR Datasheet HTML 9Page - Texas Instruments TPS61301YFFR Datasheet HTML 10Page - Texas Instruments TPS61301YFFR Datasheet HTML 11Page - Texas Instruments TPS61301YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted the specification applies for VIN = 3.6 V over an operating junction temperature TJ = –40°C to 125°C;
Circuit of (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Settling time to ±15% of the target value.
I(LKG)
Logic input leakage current
Input connected to VIN or GND
–40°C
≤ TJ ≤ 85°C
0.01
0.1
μA
RPD
ENVM pull-down resistance
ENVM
≤ 0.4 V
350
k
ENDCL, NRESET pull-down
resistance
ENDCL, NRESET
≤ 0.4 V
350
FLASH_SYNC pull-down resistance
FLASH_SYNC
≤ 0.4 V
350
Tx-MASK pull-down resistance
Tx-MASK
≤ 0.4 V
350
HC_SEL pull-down resistance
HC_SEL
≤ 0.4 V
350
C(IN)
SDA input capacitance
SDA = VIN or GND
9
pF
SCL input capacitance
SCL = VIN or GND
4
GPIO/PG input capacitance
DIR = 0, GPIO/PG = VIN or GND
9
ENVM input capacitance
ENVM = VIN or GND
4
ENDCL input capacitance
ENDCL = VIN or GND
3
HC_SEL input capacitance
HC_SEL = VIN or GND
3.5
Tx-MASK input capacitance
Tx-MASK = VIN or GND
4
FLASH_SYNC input capacitance
FLASH_SYNC = VIN or GND
3
TIMING
tNRESET Reset pulse width
10
μs
Start-up time
From shutdown into DC light mode
HC_SEL = 0, ILED = 100 mA
1.4
ms
From shutdown into voltage mode through
ENVM, HC_SEL = 0, IOUT = 0 mA
550
μs
LED current settling time(2) triggered
by a rising edge on FLASH_SYNC
MODE_CTRL[1:0] = 10, HC_SEL = 0
ILED2 = from 0 mA to 800 mA
400
μs
MODE_CTRL[1:0] = 10, HC_SEL = 1
ILED2 = from 0 mA to 1800 mA
16
LED current settling time(2) triggered
by Tx-MASK
MODE_CTRL[1:0] = 10, HC_SEL = 0
ILED2 = from 800 mA to 350 mA
15
μs
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
f(SCL)
SCL clock frequency
Standard mode
100
kHz
Fast mode
400
High-speed mode (write operation),
CB – 100 pF maximum
3.4
MHz
High-speed mode (read operation),
CB – 100 pF maximum
3.4
High-speed mode (write operation),
CB – 400 pF maximum
1.7
High-speed mode (read operation),
CB – 400 pF maximum
1.7
tBUF
Bus free time between a STOP and START
condition
Standard mode
4.7
µs
Fast mode
1.3
tHD, tSTA
Hold time (repeated) START condition
Standard mode
4
µs
Fast mode
600
ns
High-speed mode
160


Similar Part No. - TPS61301YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61301YFFR TI-TPS61301YFFR Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61301YFFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com