Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61282AYFFR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61282AYFFR
Description  TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61282AYFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61282AYFFR Datasheet HTML 6Page - Texas Instruments TPS61282AYFFR Datasheet HTML 7Page - Texas Instruments TPS61282AYFFR Datasheet HTML 8Page - Texas Instruments TPS61282AYFFR Datasheet HTML 9Page - Texas Instruments TPS61282AYFFR Datasheet HTML 10Page - Texas Instruments TPS61282AYFFR Datasheet HTML 11Page - Texas Instruments TPS61282AYFFR Datasheet HTML 12Page - Texas Instruments TPS61282AYFFR Datasheet HTML 13Page - Texas Instruments TPS61282AYFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
TPS61280A, TPS61281A, TPS61282A
SLVSCG9A – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
I
2C Interface Timing Characteristics(1) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
300
ns
Fast mode
300
ns
tFCL
Fall Time of SCL Signal
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
40
ns
High-speed mode, CB – 400 pF max
20
80
ns
Standard mode
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRDA
Rise Time of SDA Signal
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall Time of SDA Signal
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
4
μs
Fast mode
600
ns
tSU, tSTO
Setup Time of STOP Condition
Fast mode plus
260
ns
High-Speed mode
160
ns
Standard mode
400
pF
Fast mode
400
pF
CB
Capacitive Load for SDA and SCL
Fast mode plus
550
pF
High-Speed mode
400
pF
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61280A TPS61281A TPS61282A


Similar Part No. - TPS61282AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61282 TI1-TPS61282 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282 TI-TPS61282 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
More results

Similar Description - TPS61282AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com